Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9060 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS9060
Description  HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS9060 Datasheet HTML 7Page - Gennum Corporation GS9060 Datasheet HTML 8Page - Gennum Corporation GS9060 Datasheet HTML 9Page - Gennum Corporation GS9060 Datasheet HTML 10Page - Gennum Corporation GS9060 Datasheet HTML 11Page - Gennum Corporation GS9060 Datasheet HTML 12Page - Gennum Corporation GS9060 Datasheet HTML 13Page - Gennum Corporation GS9060 Datasheet HTML 14Page - Gennum Corporation GS9060 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
GS9060 Data Sheet
22208 - 8
January 2007
11 of 61
40, 49, 60
IO_GND
–
Power
Ground connection for digital I/O buffers. Connect to digital GND.
41, 53, 61
IO_VDD
–
Power
Power supply connection for digital I/O buffers. Connect to +3.3V
DC digital.
51, 52, 54–
59, 62, 63
DOUT[10:19]
Synchronous
with PCLK
Output
PARALLEL DATA BUS
Signal levels are LVCMOS/LVTTL compatible.
DOUT19 is the MSB and DOUT10 is the LSB.
20-bit mode
20bit/10bit = HIGH
Luma data output in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data output in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
DVB-ASI data in DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
10-bit mode
20bit/10bit = LOW
Multiplexed Luma and Chroma data
output in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in data through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
DVB-ASI data in DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
65
YANC
Synchronous
with PCLK
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to indicate the presence of ancillary data in the video
stream.
For 20-bit demultiplexed data (20bit/10bit = HIGH), the YANC
signal will be HIGH when VANC or HANC data is detected in the
luma video stream and LOW otherwise.
For 10-bit multiplexed data (20bit/10bit = LOW), the YANC signal
will be HIGH when VANC or HANC data is detected anywhere in
the data stream and LOW otherwise.
66
CANC
Synchronous
with PCLK
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to indicate the presence of ancillary data in the video
stream.
For 20-bit demultiplexed data (20bit/10bit = HIGH), the CANC
signal will be HIGH when VANC or HANC data is detected in the
chroma video stream and LOW otherwise.
For 10-bit multiplexed data (20bit/10bit = LOW), the CANC signal
will be HIGH when VANC or HANC data is detected anywhere in
the data stream and LOW otherwise.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com