Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9060 Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS9060
Description  HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060 Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS9060 Datasheet HTML 9Page - Gennum Corporation GS9060 Datasheet HTML 10Page - Gennum Corporation GS9060 Datasheet HTML 11Page - Gennum Corporation GS9060 Datasheet HTML 12Page - Gennum Corporation GS9060 Datasheet HTML 13Page - Gennum Corporation GS9060 Datasheet HTML 14Page - Gennum Corporation GS9060 Datasheet HTML 15Page - Gennum Corporation GS9060 Datasheet HTML 16Page - Gennum Corporation GS9060 Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
GS9060 Data Sheet
22208 - 8
January 2007
13 of 61
76
VCO_VCC
–
Output Power
Power supply for the external voltage controlled oscillator.
Connect to pin 5 of the GO1555/GO1525*. This pin is an output.
Should be isolated from all other power supplies.
*For new designs use GO1555
77
LF
Analog
Output
Control voltage to external voltage controlled oscillator. Nominally
+1.25V DC.
78
CP_CAP
Analog
Input
PLL lock time constant capacitor connection. Normally connected
to VCO_GND through 2.2nF.
79
LB_CONT
Analog
Input
Control voltage to set the loop bandwidth of the integrated
reclocker. Normally connected to VCO_GND through 40k
Ω.
80
CP_GND
–
Power
Ground connection for the charge pump. Connect to analog
GND.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com