| Electronic Components Datasheet Search |
|
GS9060 Datasheet(PDF) 39 Page - Gennum Corporation |
|
|
|||||||||||||||||||||||||||||
GS9060 Datasheet(HTML) 39 Page - Gennum Corporation |
|
39 / 61 page ![]() GS9060 Data Sheet 22208 - 8 January 2007 39 of 61 3.10.3 SMPTE 352M Payload Identifier The GS9060 can receive and detect the presence of the SMPTE 352M payload identifier ancillary data packet. This four word payload identifier packet may be used to indicate the transport mechanism, frame rate and line scanning / sampling structure. Upon reception of this packet, the device will extract the four words describing the video format being transported and make this information available to the host interface via the four VIDEO_FORMAT_OUT registers (Table 3-5). The VIDEO_FORMAT_OUT registers will only be updated if the received checksum is the same as the locally calculated checksum. These registers will be cleared to zero, indicating an undefined format, if the device loses lock to the input data stream (LOCKED = LOW), or if the SMPTE_BYPASS pin is asserted LOW. This is also the default setting after device reset. The SMPTE 352M packet should be received once per field for interlaced systems and once per frame for progressive systems. If the packet is not received for two complete video frames, the VIDEO_FORMAT_OUT registers will be cleared to zero. 3.10.4 Automatic Video Standard and Data Format Detection The GS9060 can independently detect the input video standard and data format by using the timing parameters extracted from the received TRS ID words. This information is presented to the host interface via the VIDEO_STANDARD register (Table 3-6). Total samples per line, active samples per line, total lines per field/frame and active lines per field/frame are also calculated and presented to the host interface via the RASTER_STRUCTURE registers (Table 3-7). These line and sample count registers are updated once per frame at the end of line 12. This is in addition to the information contained in the VIDEO_STANDARD register. After device reset, the four RASTER_STRUCTURE registers default to zero. Table 3-5: Host Interface Description for SMPTE 352M Payload Identifier Registers Register Name Bit Name Description R/W Default VIDEO_FORMAT_OUT_B Address: 0Dh 15-8 SMPTE352M Byte 4 Data will be available in this register when Video Payload Identification Packets are detected in the data stream. R0 7-0 SMPTE352M Byte 3 Data will be available in this register when Video Payload Identification Packets are detected in the data stream. R0 VIDEO_FORMAT_OUT_A Address: 0Ch 15-8 SMPTE352M Byte 2 Data will be available in this register when Video Payload Identification Packets are detected in the data stream. R0 7-0 SMPTE352M Byte 1 Data will be available in this register when Video Payload Identification Packets are detected in the data stream. R0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |