| Electronic Components Datasheet Search |
|
GS9062-CFE3 Datasheet(PDF) 21 Page - Gennum Corporation |
|
|
|||||||||||||||||||||||||||||
GS9062-CFE3 Datasheet(HTML) 21 Page - Gennum Corporation |
|
21 / 46 page ![]() GS9062 Data Sheet 22209 - 7 February 2007 21 of 46 3. Detailed Description 3.1 Functional Overview The GS9062 is a dual-standard serializer with an integrated cable driver. When used in conjunction with the external GO1555/GO1525* Voltage Controlled Oscillator, a transmit solution at 270Mb/s is realized. The device has three different modes of operation which must be set by the application layer through external device pins. When SMPTE mode is enabled, the device will accept 10-bit multiplexed or 20-bit demultiplexed SMPTE compliant data. The device’s additional processing features are also enabled in this mode. In DVB-ASI mode, the GS9062 will accept an 8-bit parallel DVB-ASI compliant transport stream on its upper input bus. The serial output data stream will be 8b/10b encoded and stuffed. The GS9062’s third mode allows for the serializing of data not conforming to SMPTE or DVB-ASI streams. The provided serial digital outputs feature a high impedance mode, output mute on loss of parallel clock and adjustable signal swing. In the digital signal processing core, several data processing functions are implemented including SMPTE 352M and EDH data packet generation and insertion, and automatic video standards detection. These features are all enabled by default, but may be individually disabled via internal registers accessible through the GSPI host interface. Finally, the GS9062 contains a JTAG interface for boundary scan test implementations. *For new designs use GO1555 3.2 Parallel Data Inputs Data inputs enter the device on the rising edge of PCLK as shown in Figure 3-1. The input data format is defined by the setting of the external SMPTE_BYPASS and DVB_ASI pins and may be presented in 10-bit or 20-bit format. The input data bus width is controlled independently from the internal data bus width by the 20bit/10bit input pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |