| Electronic Components Datasheet Search |
|
GS9062-CFE3 Datasheet(PDF) 38 Page - Gennum Corporation |
|
|
|||||||||||||||||||||||||||||
GS9062-CFE3 Datasheet(HTML) 38 Page - Gennum Corporation |
|
38 / 46 page ![]() GS9062 Data Sheet 22209 - 7 February 2007 38 of 46 devices to be connected in parallel and selected via the CS input. The interface is illustrated in the Figure 3-6 below. All read or write access to the GS9062 is initiated and terminated by the host processor. Each access always begins with a 16-bit command word on SDIN indicating the address of the register of interest. This is followed by a 16-bit data word on SDIN in write mode, or a 16-bit data word on SDOUT in read mode. Figure 3-6: Gennum Serial Peripheral Interface (GSPI) 3.10.1 Command Word Description The command word is transmitted MSB first and contains a read/write bit, nine reserved bits and a 6-bit register address. Set R/W = '1' to read and R/W = '0' to write from the GSPI. Command words are clocked into the GS9062 on the rising edge of the serial clock SCLK. The appropriate chip select signal, CS, must be asserted low a minimum of 1.5ns (t0 in Figure 3-9 and Figure 3-10) before the first clock edge to ensure proper operation. Each command word must be followed by only one data word to ensure proper operation. Figure 3-7: Command Word Figure 3-8: Data Word SCLK CS SDOUT SDIN SCLK CS SDIN SDOUT Application Host GS9062 R/W RSV RSV RSV A0 A1 A2 A3 A4 A5 RSV RSV RSV RSV RSV RSV MSB LSB D15 D14 D13 D12 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D11 D10 MSB LSB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |