Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I2MI Datasheet(PDF) 2 Page - Virginia Panel Corporation

Part # I2MI
Description  Hybrid Solution
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPC [Virginia Panel Corporation]
Direct Link  http://www.vpc.com
Logo VPC - Virginia Panel Corporation

I2MI Datasheet(HTML) 2 Page - Virginia Panel Corporation

  I2MI Datasheet HTML 1Page - Virginia Panel Corporation I2MI Datasheet HTML 2Page - Virginia Panel Corporation I2MI Datasheet HTML 3Page - Virginia Panel Corporation I2MI Datasheet HTML 4Page - Virginia Panel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VIRGINIA PANEL CORPORATION
vpc.com
4/5/11
Weight
.25 lbs [.11 Kg]
Frame Material
Glass Reinforced
Thermoplastic
Hardware Material
Stainlees Steel Alloy
Available Contact Positions
120 Signal, 12 Micro Coax/
Power
Cycle Life
10,000 Cycles
Temperature
-55° C to 105° C
Weight
.25 lbs [.11 Kg[
Frame Material and
Clamp Housing
Glass Reinforced
Thermoplastic
Latch Material
Nickel Plated Berillium
Copper
Backshell
Glass Reinforced
Thermoplastic
Cable Clamp Material
Powder-Coated Aluminum
Available Contact Positions
120 Signal, 12 Micro Coax/
Power
Cycle Life
10,000 Cycles
Temperature
-55° C to 105° C
RECEIVERS
310 130 104
Receiver, i2 Micro iCon, 120/12 Position Hybrid, Loaded with 610 138 100 Twin Female Contacts
310 130 105
Receiver, i2 Micro iCon, 120/12 Position Hybrid, for Crimp Contacts
ITA
410 130 104
ITA, i2 Micro iCon, 120/12 Position Hybrid
ACCESSORIES
310 113 569
Protective Cover, i2 Micro iCon, Receiver
410 112 924
Protective Cover, i2 Micro iCon, ITA
i2 Micro iCon Hybrid Receiver
Part #
Description
Specifications
i2 Micro iCon Hybrid ITA
Specifications
4.26
108.20
.80
20.32
.81
20.55
12
3
45
6
78
9
10
11
12
.80
20.32
2.87
72.77
4.25
107.95
.90
22.81
3.36
85.41



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com