Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I2MI Datasheet(PDF) 3 Page - Virginia Panel Corporation

Part # I2MI
Description  Hybrid Solution
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPC [Virginia Panel Corporation]
Direct Link  http://www.vpc.com
Logo VPC - Virginia Panel Corporation

I2MI Datasheet(HTML) 3 Page - Virginia Panel Corporation

  I2MI Datasheet HTML 1Page - Virginia Panel Corporation I2MI Datasheet HTML 2Page - Virginia Panel Corporation I2MI Datasheet HTML 3Page - Virginia Panel Corporation I2MI Datasheet HTML 4Page - Virginia Panel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VIRGINIA PANEL CORPORATION
vpc.com
4/5/11
Frame Material
Thermoplastic
Hardware Material
Stainlees Steel Alloy
Available Contact Positions
168
Cycle Life
10,000 Cycles
Temperature
-55° C to 100° C
Material
Clear Anodized Aluminum
Temperature
-55° C to 100° C
ACCESSORIES
310 113 461
Keying Pin Kit, iCon, Receiver and ITA
310 113 559
Strain Relief Plate, i2 Micro iCon, Receiver
310 113 562
Bracket, i2 Micro iCon, Receiver, for PCB Mounting
510 109 206
Header, 60 Pin, Right Angle, Solderless
Strain Relief Plate
Specifications
Keying Pins
Specifications
Part #
Description
Material - Modules
Thermoplastic
Material - Contacts
Gold-plated phos-bronze
Available Contact Positions
60
60 Pin Header
Specifications
Receiver Bracket for PCB Mounting
Material
2024 aluminum with a clear chromate
finish
Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com