Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I2MI Datasheet(PDF) 4 Page - Virginia Panel Corporation

Part # I2MI
Description  Hybrid Solution
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPC [Virginia Panel Corporation]
Direct Link  http://www.vpc.com
Logo VPC - Virginia Panel Corporation

I2MI Datasheet(HTML) 4 Page - Virginia Panel Corporation

  I2MI Datasheet HTML 1Page - Virginia Panel Corporation I2MI Datasheet HTML 2Page - Virginia Panel Corporation I2MI Datasheet HTML 3Page - Virginia Panel Corporation I2MI Datasheet HTML 4Page - Virginia Panel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VIRGINIA PANEL CORPORATION
vpc.com
4/5/11
QuadraPaddle Signal Contacts®
Operating Current & Voltage
5 Amp Max. Continuous; 600 volt Max. use
of wire Mil-W-16878/4
Contact Resistance
25 mOhms Max.
Measured at 50 mV @ 100 mA
Mating Force
2 oz. Nominal [0.05 Kg]
Dielectric Withstanding
Voltage (DWV)
1500 VDC Min.
Insulation Resistance
5000 MOhms Min.
Contact Body Material
Twin Female (RCV) – BeCu
Crimp (RCV) – BeCu/PhBrz
Male (ITA) – Brass
Contact Plating
30µ" Au over 100µ" Ni
Cycle Life
20,000 Cycles
Contact Specifications
QUADRAPADDLE CONTACTS
610 138 200
Signal Contact, Receiver, QuadraPaddle, 5 Amp, Twin Female – Replacement
610 138 216
Signal Contact, Receiver, QuadraPaddle, 5 Amp, 22-28 AWG, Crimp
610 138 109
Signal Contact, ITA, QuadraPaddle, 5 Amp, 22–24 AWG, Crimp/Solder
610 138 112
Signal Contact, ITA, QuadraPaddle, 5 Amp, 26–30 AWG, Crimp/Solder
MICRO POWER CONTACTS
610 142 101
Micro Power Contact, Receiver, 12-14 AWG, Crimp
610 142 102
Micro Power Contact, Receiver, PCB Mount
610 143 101
Micro Power Contact, ITA, 12-14 AWG, Crimp
MICRO COAXIAL CONTACTS
610 140 101
Micro Coaxial Contact, Receiver, RG316, Crimp
610 140 102
Micro Coaxial Contact, Receiver, RG178, Crimp
610 140 103
Micro Coaxial Contact, Receiver, RG179, Crimp
610 140 104
Micro Coaxial Contact, Receiver, RG316 Double Shield, Solder
610 141 101
Micro Coaxial Contact, ITA, RG316, Crimp
610 141 102
Micro Coaxial Contact, ITA, RG178, Crimp
610 141 103
Micro Coaxial Contact, ITA, RG179, Crimp
610 141 104
Micro Coaxial Contact, ITA, RG316 Double Shield, Solder
Part #
Description
Operating Voltage & Current
21 Amp Continuous
Contact Resistance
1.5 mOhms Max.
Mating Force
2.0 lbs Max. [.91 Kg]
Dielectric Withstanding
Voltage (DWV)
1500 VDC Min.
Contact Body Material
Brass
Contact Plating
30µ" Au over 100µ" Ni
Cycle Life
10,000 Cycles
Micro Power Contacts
Contact Specifications
Characteristic Impedance
50 Ohm
75Ohm•forRG179
50 Ohm • for RG316 double shield
Frequency Range
DC – 3 GHz • 50 Ohm
DC–2GHz•forRG179
DC–10.5GHz•forRG316doubleshield
Contact Isolation
−90dBminimum
VSWR
1.22 @ 3 GHz • 50 Ohm
1.39 @ 2 GHz • for RG179
1.0225+.05f(GHz)•forRG316double
shield
Mating Force
1.5 lbs Max. [0.68 Kg]
Insertion Loss
–√f(GHz)x.06db
Dielectric Withstanding
Voltage (DWV)
800 V RMS
Contact Plating
50µ" Au over 100µ" Ni
Cycle Life
10,000 Cycles
Micro Coaxial Contacts
Contact Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com