Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8AA2A2006 Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # 8AA2A2006
Description  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  8AA2A2006 Datasheet HTML 1Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 2Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 3Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 4Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 5Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 6Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 7Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 8Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Kotron
® RF
Sensing Probes
D E S C R I P T I O N
Kotron RF Capacitance sensing probes are available in
many different configurations to handle a wide variety of
application conditions.
The sensing probes in this brochure can be combined
with Kotron level switches and transmitters.
F E A T U R E S
RIGID PROBES
• Available as bare probe or insulated probe
• Maximum process temperature:
+1000° F (+540° C) – bare probe
+400° F (+200° C) – insulated probe
• Maximum process pressure 5,000 PSIG (345 bar)
• Lengths up to 234 inches (6 meters)
• Bare probes can be cut to length in the field
• Wetted materials include 316/316L SS, Hastelloy® C,
Teflon® (TFE), Halar® (ECTFE) and Kynar® (PVDF)
• Ceramic seals for High Temperature/High Pressure
designs
FLEXIBLE PROBES
• Available as bare probe or insulated probe
• Maximum temperature:
+650° F (+345° C) – bare probe
+285° F (+140° C) – insulated probe
• Lengths up to 150 feet (45 meters)
• Insulated probe length can be adjusted in the field
• Wetted materials include 316 SS and Halar® (ECTFE)
• Teflon® seals for standard probes
• Ceramic seals for High Temperature/High Pressure
designs
T E C H N O L O G Y
The amount of capacitance developed in any application
is affected by three variables:
• size (surface area) of the probe;
• distance from the probe to its ground;
• dielectric of the medium it is measuring.
Considering that the probe’s mounting position is fixed,
and the dielectric constant of the process media is stable,
then the amount of capacitance developed is directly pro-
portional to the level of the process media on the probe.
Increasing
the
surface
area
(diameter)
of
the
probe
and/or decreasing the distance between the probe and its
ground reference will increase the capacitance gain.
A P P L I C A T I O N S
• Clean or dirty liquids
• Viscous liquids
• Light slurries
• High temperature/pressure liquids
• Foods and beverages
• Hydrocarbons and solvents
• Corrosives, acids, and caustics


Similar Description - 8AA2A2006

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
080-8032-302 MAGNETROL-080-8032-302 Datasheet
82Kb / 4P
Kotron짰 Tip Sensitive RF Level Sensor
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
Kotron짰 RF Point Level Switches
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
Kotron짰 Model 82 CE RF Level Transmitter
804-R010-230 MAGNETROL-804-R010-230 Datasheet
162Kb / 8P
Kotron짰 Sentinel Model 804 RF Level Transmitter
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
Kotron짰 Model 805 Smart RF Level Transmitter
805-501A-111 MAGNETROL-805-501A-111 Datasheet
757Kb / 36P
KOTRON짰 MODEL 805 SMART RF LEVEL TRANSMITTER
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
Kotron짰 Model 810 RF Point Level Sensor
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
Kotron짰 Model 811 RF Point Level Switch
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
Kotron짰 Model 811 RF Point Level Sensor
logo
Greystone Energy System...
FPPSPP GREYSTONE-FPPSPP Datasheet
142Kb / 1P
FLOW SENSING PROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com