Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8AA2A2006 Datasheet(PDF) 16 Page - Magnetrol International, Inc.

Part # 8AA2A2006
Description  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 Datasheet(HTML) 16 Page - Magnetrol International, Inc.

Back Button 8AA2A2006 Datasheet HTML 12Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 13Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 14Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 15Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 16Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 17Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 18Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 19Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 20Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
8 A 2
FM/CSA/ATEX, bare flexible probe, probe length in feet
8 C 2
FM/CSA/ATEX, bare flexible probe, probe length in meters
A
Bare flexible probe
A A
316 SS cable, ceramic seal
max +1000° F @ 500 psig/max 5000 psig @ +100° F (max +535° C @ 35 bar/max 345 bar @ +40° C)
CONFIGURATION STYLE
CABLE AND SEAL MATERIAL
Ž
8
A
A 1
A
2
1
3⁄4" NPT
PROCESS CONNECTION, 316 SS

16
BASIC MODEL NUMBER - BARE FLEXIBLE PROBE
Œ 

Threaded flanges may be ordered separately.
10 to 150 feet (3 to 45 meters) Example: 10 feet = 010 / 3 meters = 003
INSERTION LENGTH specify length in 1 foot (1 meter) increments (specify in digit 2)
Œ
Bare probes cannot be installed in a hazardous area unless used with an intrinsically safe electronic circuit.

Minimum temperature -40° F (-40° C)
Ž
Temperature at electronics should not exceed +160° F (+70° C).
8 A B - B B 1
FM/CSA/ATEX, bare rigid Hastelloy C probe with
3⁄4" NPT
process connection and Teflon seal, probe length in inches
8 C B - B B 1
FM/CSA/ATEX, bare rigid Hastelloy C probe with
3⁄4" NPT
process connection and Teflon seal, probe length in centimeters
BASIC MODEL NUMBER - HASTELLOY® C PROBE
Œ  Ž 
8
B 1
B
B
6 to 234 inches (15 to 595 centimeters) Example: 6 inches = 006 / 60 centimeters = 060
INSERTION LENGTH specify length in 1 inch (1 cm) increments (specify in digit 2)
B A R E
F L E X I B L E
P R O B E S
M O D E L
N U M B E R
BARE FLEXIBLE PROBES (for conductive and non conductive media)
A complete measuring system consists of a:
1. Kotron electronics (switch or transmitter)
2. Kotron probe
3. Optional heat extension for process temperatures >200° F (95° C): P/N 089-6593-001 (see page 5)
A
Standard probe
D
Bent probe 90° (specify L
1 and L2) (Minimum L1 length is 6.5 inches (16.5 cm); probe insertion
length is L
1 + L2 – 1")
CONFIGURATION STYLE
Œ
Bare probes cannot be installed in a hazardous area unless used with an intrinsically safe electronic circuit.

Temperature at electronics should not exceed +160° F (+70° C).
Ž
Max +400° F @ 200 psig/max 3000 psig @ +100° F (max +200° C @ 13.8 bar/max 205 bar @ +40° C)

Minimum temperature -40° F (-40° C)
S P E C I A L T Y
P R O B E S
M O D E L
N U M B E R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com