Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8AA2A2006 Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # 8AA2A2006
Description  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button 8AA2A2006 Datasheet HTML 6Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 7Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 8Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 9Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 10Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 11Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 12Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 13Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 14Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
8 A A
FM/CSA/ATEX, probe length in inches
8 C A
FM/CSA/ATEX, probe length in centimeters
1 A
Carbon steel rod with Teflon® (TFE) insulation
max +400° F @ 200 psig/max 3000 psig @ +100° F (max +200° C @ 13.8 bar/max. 205 bar @ +40° C)
2 A
Carbon steel rod with Halar® (ECTFE) insulation
max +200° F @ 50 psig/max 3000 psig @ +100° F (max +95° C @ 3.5 bar/max. 205 bar @ +40° C)
3 A
Carbon steel rod with Kynar® (PVDF) insulation
max +200° F @ 200 psig/max 3000 psig @ +150° F (max +95° C @ 13.8 bar/max. 205 bar @ +65° C)
4 A
316/316L SS rod with Teflon® (TFE) insulation
max +400° F @ 200 psig/max 3000 psig @ +100° F (max +200° C @ 13.8 bar/max. 205 bar @ +40° C)
5 A
316/316L SS rod with Halar® (ECTFE) insulation
max +200° F @ 50 psig/max 3000 psig @ +100° F (max +95° C @ 3.5 bar/max. 205 bar @ +40° C)
6 A
316/316L SS rod with Kynar® (PVDF) insulation
max +200° F @ 200 psig/max 3000 psig @ +150° F (max +95° C @ 13.8 bar/max. 205 bar @ +65° C)
1
3⁄4" NPT (not available with Configuration Style code B)
2
1" NPT
E
G1 (1" BSP) thread
4
1"
150 lbs ANSI RF flange (not available with Configuration Style code B)
51
1⁄2"
150 lbs ANSI RF flange
6
2"
150 lbs ANSI RF flange
7
3"
150 lbs ANSI RF flange
8
4"
150 lbs ANSI RF flange
9
1"
300 lbs ANSI RF flange (not available with Configuration Style code B)
BASIC MODEL NUMBER - INSULATED RIGID PROBE
ROD, SEAL, AND INSULATION MATERIAL
Œ  Ž
8
A
Œ
Temperature at electronics should not exceed 160° F (70° C).

See pages 17 and 18 for other materials of construction.
Ž
Minimum temperature -40° F (-40° C)
PROCESS CONNECTION - 316L SS (flange socket welded to probe)
I N S U L A T E D
R I G I D
P R O B E S
M O D E L
N U M B E R
INSULATED RIGID PROBES
(for conductive or non conductive media)
A complete measuring system consists of a:
1. Kotron electronics (switch or transmitter)
2. Kotron probe
3. Optional heat extension for process temperatures >200° F (95° C): P/N 089-6593-001 (see page 5)
10
A
Process connections continue on page 11.
Models available for quick shipment, usually within
one week after factory receipt of a purchase order,
through the Expedite Ship Plan (ESP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com