Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F10-1D22-BKB Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # F10-1D22-BKB
Description  F10 & F50 Flow Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

F10-1D22-BKB Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button F10-1D22-BKB Datasheet HTML 4Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 5Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 6Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 7Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 8Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 9Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 10Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 11Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Maximum
Maximum
Bleed
Supply
Process
Orifice
Switch
Pressure
Temperature
Diameter
Description
psig
Bar
° F
° C
Inches
mm
NEMA 1
Series J
100
7
+400
+204
.63
1.6
JGF
60
4
+400
+204
.94
2.3
JHF
Bleed Type
60
4
+400
+204
.55
1.4
JJF
Series K
100
7
+400
+204
——
KOF
Non-Bleed
40
3
+400
+204
——
KOH
Vane Sized for Flow Line
Connection Type
2"
4"
6"
8"
10"
2" NPT
D22
D24
D26
D28
D20
21⁄2" 150 lb. ANSI raised face flange
n/a
E54
E56
E58
E50
21⁄2" 300 lb. ANSI raised face flange
n/a
E64
E66
E68
E60
21⁄2" 600 lb. ANSI raised face flange
n/a
E74
E76
E78
E70
Mounting Connection
Trim
Magnetic Sleeve
Pressure
F10-1
Carbon steel
304 and 316 stainless steel
316 stainless steel
1000 psig @ +450° F (69 bar @ +232° C)
F10-3
304 stainless steel
304 and 316 stainless steel
316 stainless steel
1000 psig @ +450° F (69 bar @ +232° C)
F10-4
316 stainless steel
316 stainless steel
316 stainless steel
1000 psig @ +450° F (69 bar @ +232° C)
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP)
MODEL NUMBER CODE
PIPELINE CONNECTION
PNEUMATIC SWITCH MECHANISM AND ENCLOSURE
Consult factory for flow lines above 10" or larger flange sizes.
F 1 0 M O D E L N U M B E R
ELECTRIC SWITCH MECHANISM AND ENCLOSURE
Œ Process temperatures based on +100° F
(+38° C) ambient.
 Uncontrolled housing heater or drain available
in TYPE 4X/7/9 enclosures.
Ž Consult factory for TYPE 4X/7/9 cast iron
housings.
On flanged models, standoffs are carbon steel with Model F10-1 and 316 stainless steel on Models F10-3 and F10-4.
TYPE 4X/7/9
Maximum
Aluminum
Process
One
Class
I
,
Class
I
,
Temperature
Set
Div.1
Div. 1
Switch Description
° F° C
Point Grps C & D
Grp B
ATEX
Series B snap
+250 (+121)
SPDT
BKB
BKK
BC9
DPDT
BNB
BNK
BF9
Series C snap
+450 (+232)
SPDT
CKB
CKK
CC9
DPDT
CNB
CNK
CF9
Series D snap
+250 (+121)
SPDT
DKB
DKK
DC9
for DC current applications
DPDT
DNB
DNK
DF9
Series HS 5 amp
SPDT
HMJ
HMK
n/a
hermetically sealed snap
+450 (+232)
with wiring leads
DPDT
HMS
HMT
n/a
Series HS 5 amp
SPDT
HM3
HM4
HA9
hermetically sealed snap
+450 (+232)
with terminal block
DPDT
HM7
HM8
HB9
Œ
 Ž



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com