Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F10-1D22-BKB Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # F10-1D22-BKB
Description  F10 & F50 Flow Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

F10-1D22-BKB Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button F10-1D22-BKB Datasheet HTML 4Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 5Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 6Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 7Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 8Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 9Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 10Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 11Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP)
MODEL NUMBER CODE
ACTUATING FLOW RATE
F 5 0 M O D E L N U M B E R
PNEUMATIC SWITCH MECHANISM AND ENCLOSURE
PIPE SIZE
Body
Trim
Magnetic Sleeve
Pressure Ratings
F50-1
Bronze
300 series
400 series
400 psi @ +100° F (27.6 bar @ 38° C)
stainless steel
stainless steel
200 psi @ +500° F maximum (13.8 bar @ 260° C maximum)
F50-4
316 stainless steel
316 stainless steel
316 stainless steel
1150 psi @ +100° F (79.2 bar @ 38° C)
600 psi @ +750° F maximum (41.3 bar @ 399° C maximum)
A2
3
4" pipe size with 34" NPT connections
B2
1" pipe size with 1" NPT connections
C2
112" pipe size with 112" NPT connections
D2
2" pipe size with 2" NPT connections
Actuating Flow Rate, GPM Water Flow, Increasing and Decreasing Rate
Pipe size
AB
C
D
E
F
3
4" NPT
n/a
1.1 increasing
1.6 increasing
2.3 increasing
3.4 increasing
4.9 increasing
n/a
0.8 decreasing
1.2 decreasing 1.8 decreasing 2.6 decreasing 3.7 decreasing
1" NPT
1.0 increasing
1.7 increasing
2.5 increasing
3.7 increasing
5.5 increasing
7.1 increasing
0.8 decreasing 1.4 decreasing
2.1 decreasing 3.0 decreasing 4.5 decreasing 5.8 decreasing
112" NPT
1.3 increasing
2.7 increasing
4.7 increasing
7.6 increasing 12.3 increasing 21.1 increasing
1.1 decreasing 2.3 decreasing
4.0 decreasing 6.5 decreasing 10.3 decreasing 17.9 decreasing
2" NPT
1.9 increasing
3.1 increasing
5.1 increasing
8.4 increasing 14.3 increasing 24.8 increasing
1.6 decreasing 2.7 decreasing
4.3 decreasing 7.1 decreasing 12.1 decreasing 21.0 decreasing
Max.
Œ 
Process
Maximum
Bleed
Temp.
Supply
Orifice
Body
Pipe Size
Switch Description
° F (° C)
Pressure
Diameter
Material
(NPT)
Flow Rate
NEMA 1
3
4" or 1"
A thru F
JDG
100 psig
0.63"
Bronze
1
12" or 2"
A thru D
(7 bar)
(1.6 mm)
E and F
JDE
Series J bleed type
+550
Stainless Steel 34" thru 2"
A thru F
(+288)
3
4" or 1"
A thru F
JEG
60 psig
0.94"
Bronze
1
12" or 2"
A thru D
(4 bar)
(2.4 mm)
E and F
JEE
Stainless Steel 34" thru 2"
A thru F
100 psig
n/a
Bronze
112" or 2"
E and F
KOE
Series K non-bleed type
+550
(7 bar)
Stainless Steel 34" thru 1"
A thru F
(+288)
40 psig
n/a
Bronze
3
4" thru 1"
A thru F
KOG
(3 bar)
112" or 2"
A thru D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com