Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F10-1D22-BKB Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # F10-1D22-BKB
Description  F10 & F50 Flow Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

F10-1D22-BKB Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button F10-1D22-BKB Datasheet HTML 4Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 5Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 6Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 7Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 8Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 9Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 10Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 11Page - Magnetrol International, Inc. F10-1D22-BKB Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ELECTRIC SWITCH MECHANISM AND ENCLOSURE
F 5 0 M O D E L N U M B E R c o n t i n u e d
Switch Description
Maximum Process
Temperature
Range
° F (° C)
One
Set
Point
Body
Material
Pipe Size
(NPT)
Flow
Rate
TYPE 4X/7/9
Aluminum
Class I, Div 1
Class I, Div 1
Grps C & D
Grp B
ATEX
Series B snap
-40 to +250
(-40 to +121)
SPDT
Bronze
3
⁄4" or 1"
A thru F
BKP
BKT
BAC
11⁄2" or 2"
A thru D
E and F
BKQ
BKS
BA9
Stainless Steel
3
⁄4" thru 2"
A thru F
DPDT
Bronze
3
⁄4" or 1"
A thru F
BNP
BNT
BBC
11⁄2" or 2"
A thru D
E and F
BNQ
BNS
BB9
Stainless Steel
3
⁄4" thru 2"
A thru F
Series C snap
-40 to +450
(-40 to +232)
SPDT
Bronze
3
⁄4" or 1"
A thru F
CKP
CKT
CAC
11⁄2" or 2"
A thru D
E and F
CKQ
CKS
CA9
Stainless Steel
3
⁄4" thru 2"
A thru F
DPDT
Bronze
3
⁄4" or 1"
A thru F
CNP
CNT
CBC
11⁄2" or 2"
A thru D
E and F
CNQ
CNS
CB9
Stainless Steel
3
⁄4" thru 2"
A thru F
Series D snap for
DC current applications
-40 to +250
(-40 to +121)
SPDT
Stainless Steel
3
⁄4" thru 2"
A thru F
DKQ
DKS
DA9
DPDT
DNQ
DNS
DB9
Series F snap
-40 to +750
(-40 to +399)
SPDT
Bronze
3
⁄4" or 1"
A thru F
FKP
FKT
FAC
11⁄2" or 2"
A thru D
E and F
FKQ
FKS
FA9
Stainless Steel
3
⁄4" thru 2"
A thru F
DPDT
Bronze
3
⁄4" or 1"
A thru F
FNP
FNT
FBC
11⁄2" or 2"
A thru D
E and F
FNQ
FNS
FB9
Stainless Steel
3
⁄4" thru 2"
A thru F
Series HS snap 5 amp
hermetically sealed w/wiring leads
-50 to +550
(-46 to +288)
SPDT
Bronze
11⁄2" thru 2"
 A thru F
HMC
HEK
n/a
DPDT
Bronze
11⁄2" thru 2"
 A thru F
HMF
HET
n/a
Series HS snap 5 amp
hermetically sealed w/terminal block
-50 to +550
(-46 to +288)
SPDT
Bronze
11⁄2" thru 2"
 A thru F
HM3
HM4
HA9
DPDT
Bronze
11⁄2" thru 2"
 A thru F
HM7
HM8
HB9
Œ 
Ž
Ž
Œ Process temperatures based on -40° to +160° F
(-40 ° to +71° C).
 Bronze models are rated to a maximum process
temperature of +500° F (+260° C).
Stainless steel models are limited to the maximum
temperature of the selected switch mechanism.
Ž On steam applications, temperature down-rated to
+400° F (+204° C) process at +100° F (+40° C)
ambient.
 On models with bronze bodies 3⁄
4
" or 1" NPT pipe
sizes, consult factory for HS switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com