Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT72D2533 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT72D2533
Description  High PSRR 300mA Dual LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72D2533 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT72D2533 Datasheet HTML 1Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 2Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 3Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 4Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72D2533 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev. 1.00
1
August 08, 2011
Rev. 1.00
PB
August 08, 2011
HT72Dxxxx
High PSRR 300mA Dual LDO Regulator
Features
● Output Current: 300mA/Each Channel
● Dropout Voltage: 0.34V (Typ.)
(VOUT=2.5V@IOUT=300mA)
● Maximum Input Voltage: 7.0V
● Output Voltage Range: 1.5~5.0V
● High Output Voltage Accuracy: ±2%
● Low Power Consumption: 30μA (typ.)
● High Ripple Rejection: 70dB (1kHz@IOUT=30mA)
● Operating Temperature: -40°C~85°C
● Low ESR Capacitor Compatible: Ceramic
Capacitor
● Over Temperature Protection
● Current Limiting
● Ultra Small Package: SOT23-6
Applications
● Mobile phones
● Cordless phones and radio communication
equipment
● Portable games
● Camera, Video recorders
● Portable audio equipment
General Description
The HT72Dxxxx series are CMOS-based voltage
regulator ICs with high output voltage accuracy, The
devices possess the benefits of dual outputs, low
output noise, high ripple rejection ratio, low dropout
and very fast turn-on times.
The devices include a reference voltage sources, error
amplifiers, driver transistors, current limiters and
phase compensators, all fully integrated.
The HT72Dxxxx’s current limiters' fold back circuit
also operates as a short circuit protect function for
the output current limiter. This high level of output
stability is maintained even during frequent load
fluctuations, due to the excellent transient response
performance and high PSRR achieved across a broad
range of frequencies. The output voltage for each of
the dual internal regulators is fully independent. The
device has independent enable pins to shutdown each
internal regulator, resulting in greatly reduced power
consumption.


Similar Part No. - HT72D2533

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7218 HOLTEK-HT7218 Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
HT7225 HOLTEK-HT7225 Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
HT7227 HOLTEK-HT7227 Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
General Purpose Regulator
September 9, 1999
HT7230 HOLTEK-HT7230 Datasheet
128Kb / 12P
300mA TinyPowerTM LDO
June 20, 2007
More results

Similar Description - HT72D2533

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
300mA, Low Power, High PSRR LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
High PSRR 300mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8566 BELLING-BL8566 Datasheet
178Kb / 7P
Dual 300mA High PSRR LDO
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
300mA, High PSRR, Tiny package, LDO Regulator
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
300mA, High PSRR, LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com