Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIE820DF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIE820DF
Description  N-Channel 20-V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE820DF Datasheet(HTML) 2 Page - Vishay Siliconix

  SIE820DF Datasheet HTML 1Page - Vishay Siliconix SIE820DF Datasheet HTML 2Page - Vishay Siliconix SIE820DF Datasheet HTML 3Page - Vishay Siliconix SIE820DF Datasheet HTML 4Page - Vishay Siliconix SIE820DF Datasheet HTML 5Page - Vishay Siliconix SIE820DF Datasheet HTML 6Page - Vishay Siliconix SIE820DF Datasheet HTML 7Page - Vishay Siliconix SIE820DF Datasheet HTML 8Page - Vishay Siliconix SIE820DF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 74447
S09-1338-Rev. B, 13-Jul-09
Vishay Siliconix
SiE820DF
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Maximum under Steady State conditions is 68 °C/W.
c. Measured at source pin (on the side of the package).
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
t
≤ 10 s
RthJA
20
24
°C/W
Maximum Junction-to-Case (Drain Top)a
Steady State
RthJC (Drain)
1
1.2
Maximum Junction-to-Case (Source)a, c
RthJC (Source)
2.8
3.4
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
20
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 4.8
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
0.6
1.4
2
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
25
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 18 A
0.0029
0.0035
Ω
VGS = 2.5 V, ID = 13.4 A
0.0053
0.0064
Forward Transconductancea
gfs
VDS = 10 V, ID = 18 A
106
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
4300
pF
Output Capacitance
Coss
950
Reverse Transfer Capacitance
Crss
450
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 20 A
95
143
nC
VDS = 10 V, VGS = 4.5 V, ID = 20 A
43
65
Gate-Source Charge
Qgs
11.5
Gate-Drain Charge
Qgd
10
Gate Resistance
Rg
f = 1 MHz
1.0
1.5
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1.0 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
35
55
ns
Rise Time
tr
115
175
Turn-Off Delay Time
td(off)
105
160
Fall Time
tf
30
45
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1.0 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
15
25
Rise Time
tr
35
55
Turn-Off Delay Time
td(off)
55
85
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
50
A
Pulse Diode Forward Currenta
ISM
80
Body Diode Voltage
VSD
IS = 10 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
101
150
ns
Body Diode Reverse Recovery Charge
Qrr
100
150
nC
Reverse Recovery Fall Time
ta
75
ns
Reverse Recovery Rise Time
tb
25



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com