Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIE862DF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIE862DF
Description  N-Channel 30-V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE862DF Datasheet(HTML) 5 Page - Vishay Siliconix

  SIE862DF Datasheet HTML 1Page - Vishay Siliconix SIE862DF Datasheet HTML 2Page - Vishay Siliconix SIE862DF Datasheet HTML 3Page - Vishay Siliconix SIE862DF Datasheet HTML 4Page - Vishay Siliconix SIE862DF Datasheet HTML 5Page - Vishay Siliconix SIE862DF Datasheet HTML 6Page - Vishay Siliconix SIE862DF Datasheet HTML 7Page - Vishay Siliconix SIE862DF Datasheet HTML 8Page - Vishay Siliconix SIE862DF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 65026
S09-1395-Rev. A, 20-Jul-09
www.vishay.com
5
Vishay Siliconix
SiE862DF
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
30
60
90
120
150
0
255075
100
125
150
Package Limited
TC - Case Temperature (°C)
Power Derating, Junction-to-Case
0
20
40
60
80
100
120
25
50
75
100
125
150
TC - Case Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com