Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIE862DF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIE862DF
Description  N-Channel 30-V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE862DF Datasheet(HTML) 3 Page - Vishay Siliconix

  SIE862DF Datasheet HTML 1Page - Vishay Siliconix SIE862DF Datasheet HTML 2Page - Vishay Siliconix SIE862DF Datasheet HTML 3Page - Vishay Siliconix SIE862DF Datasheet HTML 4Page - Vishay Siliconix SIE862DF Datasheet HTML 5Page - Vishay Siliconix SIE862DF Datasheet HTML 6Page - Vishay Siliconix SIE862DF Datasheet HTML 7Page - Vishay Siliconix SIE862DF Datasheet HTML 8Page - Vishay Siliconix SIE862DF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 65026
S09-1395-Rev. A, 20-Jul-09
www.vishay.com
3
Vishay Siliconix
SiE862DF
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
VGS =10 V thru 4 V
VGS =2 V
VGS =3 V
VDS - Drain-to-Source Voltage (V)
0.0015
0.0020
0.0025
0.0030
0.0035
0.0040
0
204060
80
100
VGS =4.5 V
VGS =10 V
ID - Drain Current (A)
0
2
4
6
8
10
0
10203040
50
VDS =15 V
VDS =7.5 V
ID =20A
VDS =24 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
800
1600
2400
3200
4000
0
5
10
15
20
25
30
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
ID =20A
VGS =4.5 V
VGS =10 V
TJ -Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com