Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP11203 Datasheet(PDF) 15 Page - Vishay Siliconix

Part # SIP11203
Description  Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11203 Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button SIP11203 Datasheet HTML 10Page - Vishay Siliconix SIP11203 Datasheet HTML 11Page - Vishay Siliconix SIP11203 Datasheet HTML 12Page - Vishay Siliconix SIP11203 Datasheet HTML 13Page - Vishay Siliconix SIP11203 Datasheet HTML 14Page - Vishay Siliconix SIP11203 Datasheet HTML 15Page - Vishay Siliconix SIP11203 Datasheet HTML 16Page - Vishay Siliconix SIP11203 Datasheet HTML 17Page - Vishay Siliconix SIP11203 Datasheet HTML 18Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Document Number: 73868
S11-0975–Rev. C, 16-May-11
www.vishay.com
15
Vishay Siliconix
SiP11203, SiP11204
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS
Quiescent Current vs. RDEL
Quiescent Current vs. RPD
RD(SOURCE) vs. Temperature
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
0
10
20
30
R DEL(kΩ)
VIN = 7.5 V
CPD= 10 nF
3
4
5
6
7
8
9
0
5
10
15
20
25
30
R PD(kΩ)
VIN = 7.5 V
CPD = 10 nF
1.2
1.6
2
2.4
2.8
3.2
- 50
0
50
100
150
Temperature (°C)
VIN = 5.5 V
VIN = 7.5 V
VIN = 13 V
Rise Delay vs. RDEL
Powerdown Timeout vs. RPD
RD(SINK) vs. Temperature
25
35
45
55
65
75
85
0
5
10
15
20
25
30
R DEL(kΩ)
VIN= 7.5 V
1.5 ns/ kΩ
0
50
100
150
200
250
300
0
10
20
30
RPD(kΩ)
1
1.1
1.2
1.3
1.4
1.5
1.6
- 50
0
50
100
150
Temperature (°C)
VIN = 5.5 V
VIN = 7.5 V
VIN = 1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com