Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP11203 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP11203
Description  Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11203 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP11203 Datasheet HTML 1Page - Vishay Siliconix SIP11203 Datasheet HTML 2Page - Vishay Siliconix SIP11203 Datasheet HTML 3Page - Vishay Siliconix SIP11203 Datasheet HTML 4Page - Vishay Siliconix SIP11203 Datasheet HTML 5Page - Vishay Siliconix SIP11203 Datasheet HTML 6Page - Vishay Siliconix SIP11203 Datasheet HTML 7Page - Vishay Siliconix SIP11203 Datasheet HTML 8Page - Vishay Siliconix SIP11203 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.vishay.com
4
Document Number: 73868
S11-0975–Rev. C, 16-May-11
Vishay Siliconix
SiP11203, SiP11204
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum and over - 40 °C to 85 °C.
b. Typical values are specified for 25 °C operation, and are for design reference only.
c. Not 100 % tested in production. This information is provided for reference only.
d. IN A or IN B switching at 250 kHz, RDEL = 25 k to ground.
e. IN A = step 5 to 0 V and IN B = 5 V or vice versa, RDEL = 25 k to ground, error amplifier configured as voltage follower with EA+ connected
to VREF.
PIN CONFIGURATION
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
5.5 V
 V
IN  13 V
TA = - 40 °C to 85 °C
Limits
Unit
Min.a
Typ.b
Max.a
Under Voltage Lockout Section
UVLO Threshold (Rising)
UVLOR
VIN Rising until output transitions on
4.3
4.45
4.6
V
UVLO Threshold (Falling)
UVLOF
VIN Falling until output transitions off
2.9
3.05
3.2
UVLO Hysteresis
VHYS(UVLO)
UVLOR - UVLOF, IL = 0 mA
1.25
1.40
1.55
Output Overvoltage Protection
Force Outputs On Threshold
OVPR
Rising voltage on OVPIN to force OUTA and OUTB
high
1.40
1.47
1.55
V
Resume Normal Operation Threshold
OVPF
Falling voltage on OVPIN to allow OUTA and OUTB
to go low
1.06
1.13
1.20
Hysteresis
VHYS(OVP)
OVPR - OVPF
0.30
0.35
0.40
Housekeeping Supply Section
IC logic enable
CUVLOR
VIN Rising until current at VIN > 1 mA
3.35
3.55
3.70
V
IC logic disable
CUVLOF
VIN Falling until current at VIN < 0.25 mA
2.90
3.05
3.20
Hysteresis
VHYS(CUVLO
)
CUVLOR - CUVLOF
0.35
0.50
0.65
SPECIFICATIONS
Top View
Bottom View
MLP44-16
OUTB RPD CPD VREF
OVP IN
EA
EA-
EA+
OUT
OUTA GNDR
V
DEL
L
INB
V
PGND
INA
IN
OUTB
RPD
CPD
VREF
INB
V
INA
IN
PGND
OVP IN
EA
EA-
EA+
OUT
OUTA
GND
R
V
DEL
L
13
14
15
16
1
2
3
4
56
7
8
9
10
11
12
1
2
3
4
9
10
11
12
13
14
15
16
5
6
7
8
ORDERING INFORMATION
Part Number
Marking
Ambient Temperature Range
SiP11203DLP-T1-E3
11203
- 40 ° to 85 °C
SiP11204DLP-T1-E3
11204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com