Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD25302Q2 Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD25302Q2
Description  P-Channel NexFET??Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD25302Q2 Datasheet(HTML) 5 Page - Texas Instruments

  CSD25302Q2 Datasheet HTML 1Page - Texas Instruments CSD25302Q2 Datasheet HTML 2Page - Texas Instruments CSD25302Q2 Datasheet HTML 3Page - Texas Instruments CSD25302Q2 Datasheet HTML 4Page - Texas Instruments CSD25302Q2 Datasheet HTML 5Page - Texas Instruments CSD25302Q2 Datasheet HTML 6Page - Texas Instruments CSD25302Q2 Datasheet HTML 7Page - Texas Instruments CSD25302Q2 Datasheet HTML 8Page - Texas Instruments CSD25302Q2 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC − Case Temperature − °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−75
−25
25
75
125
175
G007
ID = −3A
VGS = −4.5V
0.0
0.2
0.4
0.6
0.8
1.0
−VSD − Source to Drain Voltage − V
G008
TC = 25°C
10
1
0.01
0.0001
0.001
0.1
TC = 125°C
−VD − Drain Voltage − V
G009
0.01
0.1
10
100
1
1ms
10ms
DC
Single Pulse
Typical RθJA = 166°C/W (min Cu)
Area Limited
by RDS(on)
100
10
0.01
1
0.1
100ms
1s
TC − Case Temperature − °C
0
1
2
3
4
5
6
−50
−25
0
25
50
75
100
125
150
175
G011
CSD25302Q2
www.ti.com
SLPS234A – NOVEMBER 2009 – REVISED OCTOBER 2010
TYPICAL MOSFET CHARACTERISTICS (continued)
TA = 25°C, unless otherwise specified
Figure 8. Normalized On-State Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
Figure 10. Maximum Safe Operating Area
Figure 11. Maximum Drain Current vs. Temperature
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com