Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD25302Q2 Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD25302Q2
Description  P-Channel NexFET??Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD25302Q2 Datasheet(HTML) 1 Page - Texas Instruments

  CSD25302Q2 Datasheet HTML 1Page - Texas Instruments CSD25302Q2 Datasheet HTML 2Page - Texas Instruments CSD25302Q2 Datasheet HTML 3Page - Texas Instruments CSD25302Q2 Datasheet HTML 4Page - Texas Instruments CSD25302Q2 Datasheet HTML 5Page - Texas Instruments CSD25302Q2 Datasheet HTML 6Page - Texas Instruments CSD25302Q2 Datasheet HTML 7Page - Texas Instruments CSD25302Q2 Datasheet HTML 8Page - Texas Instruments CSD25302Q2 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
S
2
S
S
3
S
4
S
5
G
6
D
D
P0112-01
Qg − GateCharge − nC
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
G003
ID = −3A
VDS = −10V
−VGS − Gate to Source Voltage − V
0
25
50
75
100
125
150
1
2
3
4
5
6
7
8
G006
ID = −3A
TC = 125°C
TC = 25°C
CSD25302Q2
www.ti.com
SLPS234A – NOVEMBER 2009 – REVISED OCTOBER 2010
P-Channel NexFET™ Power MOSFET
1
FEATURES
PRODUCT SUMMARY
•
Ultralow Qg and Qgd
VDS
Drain to Source Voltage
–20
V
•
Low Thermal Resistance
Qg
Gate Charge Total (–4.5V)
2.6
nC
•
Avalanche Rated
Qgd
Gate Charge Gate to Drain
0.5
nC
•
Pb Free Terminal Plating
VGS = –1.8V
71
m
Ω
RDS(on)
Drain to Source On Resistance
VGS = –2.5V
56
m
Ω
•
RoHS Compliant
VGS = –4.5V
39
m
Ω
•
Halogen Free
VGS(th)
Threshold Voltage
–0.65
V
•
SON 2-mm × 2-mm Plastic Package
ORDERING INFORMATION
APPLICATIONS
Device
Package
Media
Qty
Ship
•
Battery Management
SON 2-mm × 2-mm
13-Inch
Tape and
CSD25302Q2
3000
•
Load Management
Plastic Package
Reel
Reel
•
Battery Protection
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
TA = 25°C unless otherwise stated
VALUE
UNIT
VDS
Drain to Source Voltage
–20
V
The device has been designed to deliver the lowest
VGS
Gate to Source Voltage
±8
V
on resistance and gate charge in the smallest outline
Continuous Drain Current, TC = 25°C
–5
A
possible with excellent thermal characteristics in an
ID
ultra low profile. Low on resistance coupled with the
Continuous Drain Current(1)
–5
A
extremely small footprint and low profile make the
IDM
Pulsed Drain Current, TA = 25°C
(2)
–20
A
device ideal for battery operated space constrained
PD
Power Dissipation
2.4
W
applications.
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Top View
(1) Package Limited
(2) Pulse duration 10 µs, duty cycle
≤2%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD25302Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
P-Channel NexFET??Power MOSFET
CSD25304W1015 TI1-CSD25304W1015 Datasheet
420Kb / 12P
20V P-Channel NexFET Power MOSFET
CSD25304W1015 TI2-CSD25304W1015 Datasheet
476Kb / 11P
CSD25304W1015 20-V P-Channel NexFET™ Power MOSFET
REVISED AUGUST 2014
CSD25304W1015.B TI2-CSD25304W1015.B Datasheet
476Kb / 11P
CSD25304W1015 20-V P-Channel NexFET™ Power MOSFET
REVISED AUGUST 2014
More results

Similar Description - CSD25302Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD75205W1015 TI-CSD75205W1015 Datasheet
298Kb / 11P
P-Channel NexFET Power MOSFET
CSD75301W1015 TI-CSD75301W1015 Datasheet
148Kb / 9P
P-Channel NexFET??Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
P-Channel NexFET??Power MOSFET
CSD23201W10 TI1-CSD23201W10 Datasheet
147Kb / 8P
P-Channel NexFET??Power MOSFET
CSD25201W15 TI1-CSD25201W15 Datasheet
323Kb / 9P
P-Channel NexFET??Power MOSFET
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
P-Channel NexFET??Power MOSFET
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
P-Channel NexFET Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
P-Channel NexFET Power MOSFET
CSD23201W10 TI1-CSD23201W10_16 Datasheet
166Kb / 10P
P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com