Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD25302Q2 Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD25302Q2
Description  P-Channel NexFET??Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD25302Q2 Datasheet(HTML) 3 Page - Texas Instruments

  CSD25302Q2 Datasheet HTML 1Page - Texas Instruments CSD25302Q2 Datasheet HTML 2Page - Texas Instruments CSD25302Q2 Datasheet HTML 3Page - Texas Instruments CSD25302Q2 Datasheet HTML 4Page - Texas Instruments CSD25302Q2 Datasheet HTML 5Page - Texas Instruments CSD25302Q2 Datasheet HTML 6Page - Texas Instruments CSD25302Q2 Datasheet HTML 7Page - Texas Instruments CSD25302Q2 Datasheet HTML 8Page - Texas Instruments CSD25302Q2 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GATE
Source
DRAIN
M0161-02
GATE
Source
DRAIN
M0161-01
tP − Pulse Duration − s
0.0001
0.01
10
1k
0.001
1
10
0.1
0.1
100
1
G012
Single Pulse
0.01
0.02
0.05
0.1
0.3
0.5
Duty Cycle = t1/t2
Typical RθJA = 166°C/W (min Cu)
TJ = P × ZθJA × RθJA
P
t1
t2
0.01
0.001
CSD25302Q2
www.ti.com
SLPS234A – NOVEMBER 2009 – REVISED OCTOBER 2010
Max RqJA = 66°C/W
Max RqJA = 207°C/W
when mounted on
when mounted on
1 inch2 (6.45 cm2) of
minimum pad area of
2-oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
TYPICAL MOSFET CHARACTERISTICS
TA = 25°C, unless otherwise specified
Figure 1. Transient Thermal Impedance
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com