Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC110 Datasheet(PDF) 4 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 4 Page - Espros Photonics corp

  EPC110 Datasheet HTML 1Page - Espros Photonics corp EPC110 Datasheet HTML 2Page - Espros Photonics corp EPC110 Datasheet HTML 3Page - Espros Photonics corp EPC110 Datasheet HTML 4Page - Espros Photonics corp EPC110 Datasheet HTML 5Page - Espros Photonics corp EPC110 Datasheet HTML 6Page - Espros Photonics corp EPC110 Datasheet HTML 7Page - Espros Photonics corp EPC110 Datasheet HTML 8Page - Espros Photonics corp EPC110 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
epc110
Other Parameters
(typical values, Tamb = 25°C, VDD = 3.3V)
0
1
2
3
4
5
6
40
50
60
70
80
90
100
110
120
Pulse width [us]
Figure 2: Input Sensitivity vs. LED pulse width
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
4
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com