Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC110 Datasheet(PDF) 11 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 11 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 7Page - Espros Photonics corp EPC110 Datasheet HTML 8Page - Espros Photonics corp EPC110 Datasheet HTML 9Page - Espros Photonics corp EPC110 Datasheet HTML 10Page - Espros Photonics corp EPC110 Datasheet HTML 11Page - Espros Photonics corp EPC110 Datasheet HTML 12Page - Espros Photonics corp EPC110 Datasheet HTML 13Page - Espros Photonics corp EPC110 Datasheet HTML 14Page - Espros Photonics corp EPC110 Datasheet HTML 15Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
epc110
Parameters
The parameters are defining the functionality of the epc110. The big variety of possible settings allows to cover a wide range of applications.
The devices contains a memory to store the application parameters. They are stored into 16bit registers. The registers are organized into
2 blocks: a volatile and a non-volatile one.
Parameter Memory Organization (epc110)
The following classes of data are stored for each device:
•
Application parameters
•
Unique chip ID and chip adjustments (factory set)
This data can be permanently stored in a read-only memory (ROM)1 and is mirrored in a volatile memory (RAM). At power up, the data
(except the chip ID) is copied from the ROM to the RAM. During operation, the data from the RAM is used. Both memories are organized in
16 registers at 16 bits each. The data can be accessed on a 16-bit register base.
If a register has been burned (=stored into the ROM) the first bit is set: FUSEBIT = 1. If VMOD = 1 is selected, the register cannot be modified
any more nor in RAM nor in ROM area. For VMOD = 0 the RAM area is still accessible.
So far the chip can be operated in two different modes:
•
Fix-parameter mode VMOD = 1: e.g. as standalone or pre-configured device
Operated with not modifiable data from RAM, which are stored permanently in ROM.
•
Dynamic mode VMOD = 0: e.g. for adaptive systems, dynamic systems
Operated with modifiable data from RAM. The SPI interface allows to modify these data in the RAM area at any time on the fly.
At power up these data are loaded from the permanent stored data in the ROM. If the run-time configuration differs from the data set
stored in the ROM, it has to be restored after each power-up again by the external micro-processor over the SPI interface.
The following table shows the memory organization:
Non-Volatile Memory Address Range
(Register no.)
Volatile Memory Address Range
(Register no.)
Description
0 - 3
16 - 19
Application parameters
4 - 6
20 - 22
Trim values, factory set
7
23
Device Address (not applicable)
8 - 15
-
Chip ID, factory set
-
24 - 31
For factory test purpose. Read only.
Table 3: Memory map overview
As shown in the table above, registers 0 – 3 are used for configuring the chip in the application. Before the devices can be used in a final light-
barrier system, the required application parameters of the chip in the system have to be stored into the device memory.
The following table shows the allocation of the available parameters in the memory of the epc110:
Bit #
ROM RAM
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
16 VMODE
MODE
1
0
0
0
0
0
0
TPULSE
POL FUSEBIT
1
17
TPER
DEC
0
0
INC
0
0
FUSEBIT
2
18
0
0
0
0
1
0
1
0
1
SENSH
SENSN
FUSEBIT
3
19
don't use
FUSEBIT
4
20
don't use
FUSEBIT
Trimming
5
21
don't use
FUSEBIT
6
22
don't use
FUSEBIT
7
23
don't use
FUSEBIT Device Address
8
24
Lot no. LSB
FUSEBIT
Chip ID
9
25
Lot no. MSB
FUSEBIT
10
26
Chip ID
FUSEBIT
11
27
Factory use only
FUSEBIT
12
28
Revision no.
FUSEBIT
13
29
no function
FUSEBIT
14
30
no function
FUSEBIT
15
31
no function
FUSEBIT
Application
parameters
Figure 12: Detailed memory map epc110
1 The non-volatile memory is a one-time-programmable memory (OTP). Once the memory is programmed, the programmed values cannot be
overwritten anymore.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
11
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com