Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC110 Datasheet(PDF) 6 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 6 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 2Page - Espros Photonics corp EPC110 Datasheet HTML 3Page - Espros Photonics corp EPC110 Datasheet HTML 4Page - Espros Photonics corp EPC110 Datasheet HTML 5Page - Espros Photonics corp EPC110 Datasheet HTML 6Page - Espros Photonics corp EPC110 Datasheet HTML 7Page - Espros Photonics corp EPC110 Datasheet HTML 8Page - Espros Photonics corp EPC110 Datasheet HTML 9Page - Espros Photonics corp EPC110 Datasheet HTML 10Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
epc110
Functional Description
Light barrier applications
To cover different aspects of applications the epc110 device can operate in various modes:
1.
Standalone mode
The LED flashes in a predefined/programmed cycle time.
2.
Controlled mode together with a micro-controller
The LED pulse starts on the positive edge of the input EN. The light is detected while the enable signal EN is high.
3.
Fix-parameter mode
This is the use of a pre-programmed parameter setting all the time. Usually the programming takes place during configuration and
test period of the board.
4.
Ambient adaptive reading by dynamic parameters
In this mode the micro-controller is doing the parameter setting during the operation mode. For the communication the SPI interface
is used. For more technical details refer to chapter “SPI Interface“.
Application is for enhanced functionality and requirements as additional filtering of environmental ac light, adjustments of the
sensitivity on the fly, controlling the LED current by micro-processor, etc. Example of a sensitivity control: The photo diode current is
compared to two threshold levels. The result from the higher comparison ( OUTH) may be used to regulate the LED current as well
the photodiode receiving parameters appropriate to the environmental conditions.
Light barrier application without an additional controller
Figure 3: Principle of standalone light barrier application
Figure 3 shows the epc110 in a light barrier application with minimal part count. The LED flashes with a predefined rate. If the current of the
light reflected (e. g. from a diffuse reflecting object or a retro reflector) to the photo diode at pin PD exceeds the threshold val ue IPDN, the output
OUTN goes to the low state for a time which is longer than the time to the next LED pulse. Thus, the signal at the pin OUTN is constantly low
when the photo diode generates a photo current which exceeds the threshold level. The stored flashing parameters of the LED can be
programmed using the SPI interface described in this manual.
The photo diode current is compared to two threshold levels. The result OUTH from the higher comparison level may be used to detect the
light reserve.
Light barrier application using a micro-controller
If additional functionality is required in a specific application, a micro-controller can be used. Such additional requirements can be power
saving modes, additional filtering of environmental ac light, counting purposes, etc. In this configuration, the LED emits one light pulse on the
positive edge at the pin EN. The photo diode bias and amplifier chain is enabled while the enable signal EN is high so a light pulse can be
detected.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
6
Datasheet epc110 - V2.1
www.espros.ch
AN epc100 light curtain Transmitter
LST
VDD33
VDD
epc110
GND
PD
OUTN
LED
GND
OUTN
24.01.2011
Page 1
...
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
C1
R
Stab
D2
C2
R
LED
VDD
D1
OUTH
OUTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com