Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DB423BGLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9DB423BGLF
Description  Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB423BGLF Datasheet(HTML) 2 Page - Integrated Device Technology

  9DB423BGLF Datasheet HTML 1Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 2Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 3Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 4Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 5Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 6Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 7Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 8Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IDT®
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
1437B - 02/04/10
9DB423B
Four Output Differential Buffer for PCIe for Gen 1, Gen 2 and QPI
2
Pin Configuration
Polarity Inversion Pin List Table
Power Groups
28-pin SSOP & TSSOP
01
8
OE_1
OE1#
15
PD#
PD#
16
DIF_STOP#
DIF_STOP
Various
OE_x
OEx#
Pins
OE_INV
Frequency Selection
Bypass Readback Table
BYPASS#_133_100
Voltage
MODE
Low
<0.8V
Bypass
Mid
1.2<Vin<1.8V QPI 133MHz
High
Vin > 2.0V
PCIe 100MHz
BYPASS#_133_100
Byte0, bit 3
Byte 0 bit 1
Low
0
0
Mid
1
0
High
0
1
VDD
GND
1
4
SRC_IN/SRC_IN#
5,11,18, 24
4
DIF(1,2,5,6)
N/A
27
IREF
28
27
Analog VDD & GND for PLL core
Description
Pin Number
VDD 1
28 VDDA
SRC_IN 2
27 GNDA
SRC_IN# 3
26 IREF
GND 4
25 OE_INV
VDD 5
24 VDD
DIF_1 6
23 DIF_6
DIF_1# 7
22 DIF_6#
OE_1 8
21 OE_6
DIF_2 9
20 DIF_5
DIF_2# 10
19 DIF_5#
VDD 11
18 VDD
BYPASS#_133_100 12
17 HIGH_BW#
SCLK 13
16 DIF_STOP#
SDATA 14
15 PD#
OE_INV = 0
VDD 1
28 VDDA
SRC_IN 2
27 GNDA
SRC_IN# 3
26 IREF
GND 4
25 OE_INV
VDD 5
24 VDD
DIF_1 6
23 DIF_6
DIF_1# 7
22 DIF_6#
OE1# 821 OE6#
DIF_2 9
20 DIF_5
DIF_2# 10
19 DIF_5#
VDD 11
18 VDD
BYPASS#_133_100 12
17 HIGH_BW#
SCLK 13
16 DIF_STOP
SDATA 14
15 PD#
OE_INV = 1
Note: Pin 15 is always active low. This is different
than 9DB403.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com