Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DB423BGLF Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 9DB423BGLF
Description  Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB423BGLF Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 9DB423BGLF Datasheet HTML 9Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 10Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 11Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 12Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 13Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 14Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 15Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 16Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
IDT®
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
1437B - 02/04/10
9DB423B
Four Output Differential Buffer for PCIe for Gen 1, Gen 2 and QPI
13
SMBus Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
1
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
SMBus Table: DEVICE ID
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
R
0
Bit 6
R
1
Bit 5
R
0
Bit 4
R
0
Bit 3
R
0
Bit 2
R
0
Bit 1
R
1
Bit 0
R
0
SMBus Table: Byte Count Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
-
-
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
-
-
0
Bit 2
BC2
RW
-
-
1
Bit 1
BC1
RW
-
-
1
Bit 0
BC0
RW
-
-
1
Byte 4
-
REVISION ID
-
-
-
-
VENDOR ID
-
-
-
-
-
-
-
-
Byte 5
-
-
-
Byte 6
-
Writing to this register configures how
many bytes will be read back.
-
-
-
-
-
-
-
Device ID 1
Device ID 6
Device ID 7 (MSB)
Device ID is 42 Hex for
9DB423
Device ID 5
Device ID 4
Device ID 3
Device ID 0
Device ID 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com