Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DB423BGLF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9DB423BGLF
Description  Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DB423BGLF Datasheet(HTML) 4 Page - Integrated Device Technology

  9DB423BGLF Datasheet HTML 1Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 2Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 3Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 4Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 5Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 6Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 7Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 8Page - Integrated Device Technology 9DB423BGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
IDT®
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
1437B - 02/04/10
9DB423B
Four Output Differential Buffer for PCIe for Gen 1, Gen 2 and QPI
4
Pin Description for OE_INV = 1
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
VDD
PWR
Power supply, nominal 3.3V
2
SRC_IN
IN
0.7 V Differential SRC TRUE input
3
SRC_IN#
IN
0.7 V Differential SRC COMPLEMENTARY input
4
GND
PWR
Ground pin.
5
VDD
PWR
Power supply, nominal 3.3V
6
DIF_1
OUT
0.7V differential true clock output
7
DIF_1#
OUT
0.7V differential Complementary clock output
8OE1#
IN
Active low input for enabling DIF pair 1.
1 = tri-state outputs, 0 = enable outputs
9
DIF_2
OUT
0.7V differential true clock output
10
DIF_2#
OUT
0.7V differential Complementary clock output
11
VDD
PWR
Power supply, nominal 3.3V
12
BYPASS#_133_100
IN
Input to select Bypass(fan-out), QPI PLL (133MHz) or PCIe PLL (100MHz) mode
0 = Bypass mode, M= QPI, 1= PCIe PLL mode
13
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
14
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
15
PD#
IN
Asynchronous active low input pin used to power down the device. The internal
clocks are disabled and the VCOand the crystal osc. (if any) are stopped.
16
DIF_STOP
IN
Active High input to stop differential output clocks.
17
HIGH_BW#
IN
3.3V input for selecting PLL Band Width
0 = High, 1= Low
18
VDD
PWR
Power supply, nominal 3.3V
19
DIF_5#
OUT
0.7V differential Complementary clock output
20
DIF_5
OUT
0.7V differential true clock output
21
OE6#
IN
Active low input for enabling DIF pair 6.
1 = tri-state outputs, 0 = enable outputs
22
DIF_6#
OUT
0.7V differential Complementary clock output
23
DIF_6
OUT
0.7V differential true clock output
24
VDD
PWR
Power supply, nominal 3.3V
25
OE_INV
IN
This latched input selects the polarity of the OE pins.
0 = OE pins active high, 1 = OE pins active low (OE#)
26
IREF
OUT
This pin establishes the reference current for the differential current-mode output
pairs. This pin requires a fixed precision resistor tied to ground in order to establish
the appropriate current. 475 ohms is the standard value.
27
GNDA
PWR
Ground pin for the PLL core.
28
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com