Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF05PUR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEF05PUR
Description  Electronic fuse for 5 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05PUR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEF05PUR Datasheet HTML 6Page - STMicroelectronics STEF05PUR Datasheet HTML 7Page - STMicroelectronics STEF05PUR Datasheet HTML 8Page - STMicroelectronics STEF05PUR Datasheet HTML 9Page - STMicroelectronics STEF05PUR Datasheet HTML 10Page - STMicroelectronics STEF05PUR Datasheet HTML 11Page - STMicroelectronics STEF05PUR Datasheet HTML 12Page - STMicroelectronics STEF05PUR Datasheet HTML 13Page - STMicroelectronics STEF05PUR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Typical application
STEF05
10/20
Doc ID 019055 Rev 4
The addition of an external Cdv/dt also influences the initial delay time, defined as the time
between the Enable signal going high and the start of the VOUT slope (Figure 5).
The contribution of the external capacitor to this time interval can be estimated by using the
following theoretical formula:
Equation 3
Figure 5.
Delay time and VOUT ramp-up time
5.4
Enable/Fault pin
The Enable/Fault pin has the dual function of controlling the output of the device and, at the
same time, of providing information about the device status to the application.
When it is used as a standard Enable pin, it should be connected to an external open-drain
or open-collector device. In this case, when it is pulled at low logic level, it turns the output of
the E-Fuse off.
If this pin is left floating, since it has internal pull-up circuitry, the output of the E-Fuse is kept
ON in normal operating conditions.
In case of thermal fault, the pin is pulled to an intermediate state (
Figure 6). This signal can
be provided to a monitor circuit, informing it that a thermal shutdown has occurred, or it can
be directly connected to the Enable/Fault pins of other STEFxx devices on the same
application in order to achieve a simultaneous enable/disable feature.
When a thermal fault occurs, the device can be reset either by cycling the supply voltage or
by pulling down the Enable pin below the Vil threshold and then releasing it.
delay time
500
10 6
–
13.6
106
×
+
×
C
dvdt
×
=
AM09870v1
0
1
2
3
4
5
6
Time
EN/Fault
VOUT
delay
time
ramp-up
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com