Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF05PUR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STEF05PUR
Description  Electronic fuse for 5 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05PUR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STEF05PUR Datasheet HTML 11Page - STMicroelectronics STEF05PUR Datasheet HTML 12Page - STMicroelectronics STEF05PUR Datasheet HTML 13Page - STMicroelectronics STEF05PUR Datasheet HTML 14Page - STMicroelectronics STEF05PUR Datasheet HTML 15Page - STMicroelectronics STEF05PUR Datasheet HTML 16Page - STMicroelectronics STEF05PUR Datasheet HTML 17Page - STMicroelectronics STEF05PUR Datasheet HTML 18Page - STMicroelectronics STEF05PUR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
STEF05
Package mechanical data
Doc ID 019055 Rev 4
15/20
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK® is an ST trademark.
Table 7.
DFN10L (3x3 mm.) mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.02
0.05
A2
0.55
0.65
0.80
A3
0.20
b
0.18
0.25
0.30
D
2.85
3.00
3.15
D2
2.20
2.70
E
2.85
3.00
3.15
E2
1.40
1.75
e0.50
L
0.30
0.40
0.50
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com