Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF05PUR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STEF05PUR
Description  Electronic fuse for 5 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05PUR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STEF05PUR Datasheet HTML 8Page - STMicroelectronics STEF05PUR Datasheet HTML 9Page - STMicroelectronics STEF05PUR Datasheet HTML 10Page - STMicroelectronics STEF05PUR Datasheet HTML 11Page - STMicroelectronics STEF05PUR Datasheet HTML 12Page - STMicroelectronics STEF05PUR Datasheet HTML 13Page - STMicroelectronics STEF05PUR Datasheet HTML 14Page - STMicroelectronics STEF05PUR Datasheet HTML 15Page - STMicroelectronics STEF05PUR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Typical performance characteristics
STEF05
12/20
Doc ID 019055 Rev 4
6
Typical performance characteristics
The following plots are referred to the typical application circuit and, unless otherwise noted,
at TA = 25 °C.
Figure 7.
Clamping voltage vs. temperature
Figure 8.
UVLO voltage vs. temperature
Figure 9.
UVLO hysteresis vs. temperature
Figure 10.
Off-state voltage vs. temperature
Figure 11.
Bias current (device operational)
Figure 12.
ON resistance vs. temperature
AM09872v1
5.5
5.7
5.9
6.1
6.3
6.5
6.7
6.9
7.1
7.3
7.5
-40
-25
0
25
55
85
125
150
Temperature °C
VCC = 10 V
AM09873v1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
-40
-25
0
25
55
85
125
150
Temperature °C
AM09874v1
0.3
0.32
0.34
0.36
0.38
0.4
0.42
0.44
0.46
0.48
0.5
-40
-25
0
25
55
85125
150
Temperature °C
AM09875v1
0
20
40
60
80
100
120
140
160
180
200
-40
-25
0
25
55
85125
150
Temperature °C
VCC = 10 V, VGS = 0, RL = infinite
AM09876v1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-25
0
25
55
85
125
150
Temperature °C
AM09877v1
20
30
40
50
60
70
80
-40
-25
0
25
55
85125
150
Temperature
°C
VCC = 5 V, RLIMIT = 22
Ω, ILOAD = 1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com