Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371QESTTC Datasheet(PDF) 25 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 28Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 29Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
ZXLD1371
Document number
Applicatio
Buck topolo
In Buck mod
current depe
above,
If ADJ is dire
Boost and B
For Boost a
upon the re
above. The
there is not a
If ADJ is con
GI_ADJ is g
Note that from
22k
Ω
The additiona
As mentioned
Buck-boost c
0.2 <
The mean vo
VRS =
Note that if G
same coil cu
consider Equ
This shows th
example if D
increase the
offset uncerta
100mV.
r: DS35436 Rev. 1
ons Inform
ogy
de, GI is conn
ends only upo
ectly connected
Buck-boost to
and Buck-boos
esistors, RS, R
ere is more than
a unique soluti
nnected to REF
iven by Equati
m consideration
Ω < RGI1 < 10
al degree of fre
d above, the w
onfiguration is
< GI_ADJ < 0
ltage across th
= ICOIL RS
GI_ADJ is made
urrent, the diss
uation 5. If AD
hat VRS becom
= 0.2, and GI
LED current e
ainty in the ZX
- 2
mation (cont
nected to ADJ
n RS, VADJ and
d to VREF, this
opology
st topologies,
RGI1, and RGI2
n one degree o
on. From Equ
F, this becomes
ion 2, repeated
ns of ZXLD137
0k
Ω
eedom allows
working voltage
0.5
he sense resist
e larger, these
sipation in RS
DJ is connected
mes smaller tha
_ADJ is the m
rror due to sm
XLD1371. If no
ww
t.)
as in Figure 5
d VREF. From
Eq
s becomes:
the LED curre
as in Equatio
of freedom. Th
uation 4,
Eq
s
d here for conv
71 input bias cu
us to select G
e range at the
or is
equations sho
is increased.
d to REF, this b
an 225mV if GI
minimum value
all offsets in th
ow, GI_ADJ is
25 of 42
ww.diodes.com
5. The LED
Equation 1
quation 10
ent depends
ons 4 and 2
hat is to say,
quation 11
venience:
urrent, the reco
I_ADJ within li
GI pin is rest
ow that RS is in
So, in some
becomes
I_ADJ < 1 - D.
of 0.2, then V
he system, suc
increased to
A
Dio
Figure
Figure 6.
B
ommended limi
imits but this m
ricted. The pe
ncreased and V
cases, it is be
. If also D is s
VRS becomes 0
ch as mV drop
0.4 or 0.5, VRS
A Product Lin
odes Incorpor
e 5. Setting LE
configu
Setting LED
Buck-boost co
ts for RGI1 are:
E
may affect over
ermitted range
E
E
VRS
is increas
etter to minimi
small, VRS can
.225* 0.2 / 0.8
in the copper
S is increased
ZX
Febru
© Diodes
ne of
rated
ED current in B
ration
current in Boo
onfigurations
Equation 12
rall performanc
of GI_ADJ in
Equation 13
Equation 14
sed. Therefor
ize GI_ADJ.
become too sm
8 = 56.25 mV.
printed wiring
to a value gre
LD1371
uary 2012
Incorporated
Buck
ost and
ce a little.
Boost or
re, for the
However,
mall. For
This will
circuit, or
eater than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com