Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371QESTTC Datasheet(PDF) 26 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 26 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 28Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 29Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 30Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
26 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (cont.)
This will give small enough ILED error for most practical purposes. Satisfactory operation will be obtained if VRS is more than
about 80mV. This means GI_ADJ should be greater than (1-DMIN) * 80/225 = (1- DMIN) * 0.355.
There is also a maximum limit on VRS which gives a maximum limit for GI_ADJ. If VRS exceeds approximately 300mV, or
133% of 225mV, the STATUS output may indicate an over-current condition. This will happen for larger DMAX. Therefore,
together with the requirement of Equation 13, the recommended range for GI_ADJ is
0.355 ( 1-DMIN) < GI_ADJ < 1.33 ( 1-DMAX )
Equation 15
An optimum compromise for GI_ADJ has been suggested, i.e.
GI_ADJAUTO = 1 - DMAX
Equation 16
This value has been used for the “Automatic” setting of the web Calculator. If 1-DMAX is less than 0.2, then GI_ADJ is set to
0.2. If 1- DMAX is greater than 0.5 then GI_ADJ is set to 0.5.
Once GI_ADJ has been selected, a value of RGI1 can be selected from Equation 12. Then RGI2 is calculated as follows,
rearranging Equation 2:
RGI2 = RGI1
1-GI_ADJ
GI_ADJ
Equation 17
For example to drive 12 LEDS at a current of 350mA from a 12V supply requires Boost configuration. Each LED has a
forward voltage of 3.2V at 350mA, so Vout = 3.2*12 = 38.4V. From Equation 6, the duty cycle is approximately
VOUT-VIN
VOUT
=
38.4-12
38.4
= 0.6875
From Equation 16, we set GI_ADJ to 1 – D = 0.3125.
IF RGI1 = 33kΩ, then from Equation 17, RGI2 = 33000 * ( 1 -0.3125 ) / 0.3125 = 72.6kΩ. Let us choose the preferred value
RGI2 = 75kΩ. Now GI_ADJ is adjusted to the new value, using Equation 2.
GI_ADJ =
RGI1
RGI1 +RGI2
=
33k
33k +75k
=0.305
Now we calculate Rs from Equation 11. Assume ADJ is connected to REF.
RSBoostBB =
0.225
ILED
GI_ADJ
VADJ
VREF
=
0.225
0.35
* 0.305 = 0.196
Ω
A preferred value of RSBoostBB = 0.2Ω will give the desired LED current with an error of 2% due to the preferred value
selection.
Table 1 shows typical resistor values used to determine the GI_ADJ ratio with E24 series resistors.
Table 1
GI ratio
RGI1
RG2
0.2
30k
Ω
120k
Ω
0.25
33k
Ω
100k
Ω
0.3
39k
Ω
91k
Ω
0.35
30k
Ω
56k
Ω
0.4
100k
Ω
150k
Ω
0.45
51k
Ω
62k
Ω
0.5
30k
Ω
30k
Ω
This completes the LED current setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com