Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1371QESTTC Datasheet(PDF) 29 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 29 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 28Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 29Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 30Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 31Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 32Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 33Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
29 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (cont.)
During the on-time, the MOSFET switch current is equal to the coil current. The rms MOSFET current is ICOIL √D where
ICOIL is the mean coil current. Therefore the approximate RMS current in the MOSFET during tON is:
Buck mode
Boost / Buck-boost mode
The resistive power dissipation of the MOSFET is:
Switching power losses
Calculating the switching MOSFET's switching loss depends on many factors that influence both turn-on and turn-off.
Using a first order rough approximation, the switching power dissipation of the MOSFET is:
where
CRSS is the MOSFET's reverse-transfer capacitance (a data sheet parameter),
fSW is the switching frequency,
IGATE is the MOSFET gate-driver's sink/source current at the MOSFET's turn-on threshold.
Matching the MOSFET with the controller is primarily based on the rise and fall time of the gate voltage. The best rise/fall
time in the application is based on many requirements, such as EMI (conducted and radiated), switching losses, lead/circuit
inductance, switching frequency, etc.
How fast a MOSFET can be turned on and off is related to how fast the gate
capacitance of the MOSFET can be charged and discharged. The relationship between C (and the relative total gate
charge Qg), turn-on/turn-off time and the MOSFET driver current rating can be written as:
where
dt = turn-on/turn-off time
dV = gate voltage
C = gate capacitance = Qg/V
I = drive current – constant current source (for the given voltage value)
Here the constant current source” I ” usually is approximated with the peak drive current at a given driver input voltage.
Example 1)
Using the DMN6068 MOSFET (VDS(MAX) = 60V, ID(MAX) = 8.5A):
QG = 10.3nC at VGS = 10V
ZXLD1371 IPEAK = I GATE = 300mA
Assuming that cumulatively the rise time and fall time can account for a maximum of 10% of the period, the maximum
frequency allowed in this condition is:
tPERIOD = 20*dt
f = 1/ tPERIOD = 1.43MHz
This frequency is well above the max frequency the device can handle, therefore the DNM6068 can be used with the
ZXLD1371 in the whole spectrum of frequencies recommended for the device (from 300kHz to 1MHz).
D
I
I
LED
MOSFETRMS
=
LED
MOSFETRMS
I
x
D
1
D
I
−
=
)
ON
(
DS
R
x
2
MOSFETRMS
I
resistive
P
=
GATE
I
LOAD
I
x
sw
f
x
IN
2
V
x
RSS
C
switching
P
=
I
Qg
I
C
dV
dt
=
⋅
=
ns
35
mA
300
nC
3
.
10
PEAK
I
g
Q
dt
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com