Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F08KL402 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC24F08KL402
Description  Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KL402 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC24F08KL402 Datasheet HTML 7Page - Microchip Technology PIC24F08KL402 Datasheet HTML 8Page - Microchip Technology PIC24F08KL402 Datasheet HTML 9Page - Microchip Technology PIC24F08KL402 Datasheet HTML 10Page - Microchip Technology PIC24F08KL402 Datasheet HTML 11Page - Microchip Technology PIC24F08KL402 Datasheet HTML 12Page - Microchip Technology PIC24F08KL402 Datasheet HTML 13Page - Microchip Technology PIC24F08KL402 Datasheet HTML 14Page - Microchip Technology PIC24F08KL402 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 260 page
background image
 2011 Microchip Technology Inc.
DS31037B-page 11
PIC24F16KL402 FAMILY
TABLE 1-2:
DEVICE FEATURES FOR PIC24F16KL40X/30X DEVICES
Features
Operating Frequency
DC – 32 MHz
Program Memory (bytes)
16K
8K
8K
16K
8K
8K
Program Memory (instructions)
5632
2816
2816
5632
2816
2816
Data Memory (bytes)
1024
1024
1024
1024
1024
1024
Data EEPROM Memory (bytes)
512
512
256
512
512
256
Interrupt Sources
(soft vectors/NMI traps)
31 (27/4)
31 (27/4)
30 (26/4)
31 (27/4)
31 (27/4)
30 (26/4)
I/O Ports
PORTA<7:0>
PORTB<15:0>
PORTA<6:0>
PORTB<15:12,9:7,4,2:0>
Total I/O Pins
24
18
Timers (8/16-bit)
2/2
2/2
2/2
2/2
2/2
2/2
Capture/Compare/PWM modules:
Total
333
333
Enhanced CCP
111
111
Input Change Notification Interrupt
23
23
23
17
17
17
Serial Communications:
UART
222
222
MSSP
222
222
10-Bit Analog-to-Digital Module
(input channels)
12
12
—
12
12
—
Analog Comparators
2
2
2
2
2
2
Resets (and delays)
POR, BOR, RESET Instruction, MCLR, WDT, Illegal Opcode,
REPEAT
Instruction, Hardware Traps, Configuration Word Mismatch
(PWRT, OST, PLL Lock)
Instruction Set
76 Base Instructions, Multiple Addressing Mode Variations
Packages
28-Pin PDIP/SSOP/SOIC/QFN
20-Pin SPDIP/SSOP/SOIC/QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com