Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F08KL402 Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC24F08KL402
Description  Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KL402 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC24F08KL402 Datasheet HTML 8Page - Microchip Technology PIC24F08KL402 Datasheet HTML 9Page - Microchip Technology PIC24F08KL402 Datasheet HTML 10Page - Microchip Technology PIC24F08KL402 Datasheet HTML 11Page - Microchip Technology PIC24F08KL402 Datasheet HTML 12Page - Microchip Technology PIC24F08KL402 Datasheet HTML 13Page - Microchip Technology PIC24F08KL402 Datasheet HTML 14Page - Microchip Technology PIC24F08KL402 Datasheet HTML 15Page - Microchip Technology PIC24F08KL402 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 260 page
background image
PIC24F16KL402 FAMILY
DS31037B-page 12
 2011 Microchip Technology Inc.
TABLE 1-3:
DEVICE FEATURES FOR THE PIC24F16KL20X/10X DEVICES
Features
Operating Frequency
DC – 32 MHz
Program Memory (bytes)
8K4K8K4K
Program Memory (instructions)
2816
1408
2816
1408
Data Memory (bytes)
512
512
512
512
Data EEPROM Memory (bytes)
—
—
—
—
Interrupt Sources
(soft vectors/NMI traps)
27 (23/4)
26 (22/4)
27 (23/4)
26 (22/4)
I/O Ports
PORTA<6:0>
PORTB<15:12,9:7,4,2:0>
PORTA<5:0>
PORTB<15:14,9:8,4,0>
Total I/O Pins
17
12
Timers (8/16-bit)
1/2
1/2
1/2
1/2
Capture/Compare/PWM modules:
Total
2
2
2
2
Enhanced CCP
0
0
0
0
Input Change Notification Interrupt
17
17
11
11
Serial Communications:
UART
1
1
1
1
MSSP
1
1
1
1
10-Bit Analog-to-Digital Module
(input channels)
12
—
7
—
Analog Comparators
1
1
1
1
Resets (and delays)
POR, BOR, RESET Instruction, MCLR, WDT, Illegal Opcode,
REPEAT
Instruction, Hardware Traps, Configuration Word Mismatch
(PWRT, OST, PLL Lock)
Instruction Set
76 Base Instructions, Multiple Addressing Mode Variations
Packages
20-Pin SPDIP/SSOP/SOIC/QFN
14-Pin PDIP/TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com