Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCD212 Datasheet(PDF) 61 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 61 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 57Page - Motorola, Inc MCD212 Datasheet HTML 58Page - Motorola, Inc MCD212 Datasheet HTML 59Page - Motorola, Inc MCD212 Datasheet HTML 60Page - Motorola, Inc MCD212 Datasheet HTML 61Page - Motorola, Inc MCD212 Datasheet HTML 62Page - Motorola, Inc MCD212 Datasheet HTML 63Page - Motorola, Inc MCD212 Datasheet HTML 64Page - Motorola, Inc MCD212 Datasheet HTML 65Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 87 page
background image
MCD212
8–2
MOTOROLA
The pixel hold function causes a “mosaic” or “granulation” effect in the horizontal direction (i.e., the
resolution is lowered without the image size changing).
The pixel hold factor is programmed via the mosaic pixel hold factor register located at location hD9
for plane A and hDA for plane B. Plane A is programmed via CH#1 and Plane B is programmed via
CH#2.
The pixel hold factor can be any value from 2 to 255. The pixel hold factor is effective at both normal
resolution and double resolution according to the resolution.
8.3
REGIONS
Within the image planes, regions can be defined by means of two region flags, called flag RF0 and
flag RF1. Two region flags allow regions to overlap (see Figure 8–2). These flags can be set and reset
by eight region control registers. These registers are loaded during the horizontal and vertical retrace
periods, using the control mechanism.
RF0
RF0
RF1
Figure 8–2. Example Showing Overlapping and Non–overlapping Regions
The region control registers 0 – 7 can control the two region flags in two modes. In the first mode,
registers 0 – 3 are linked to region flag 0 and registers 4 – 7 are linked to region flag 1 (see
Figure 8–3). In the second mode, the eight registers are explicitly linked to a region flag (see Figure
8–4). The first mode allows the two region flags to be changed at the same position. The selection of
the mode used is done in the “image coding method register” by the NR bit.
RF0:
RF1:
REGION
CONTROL
REGISTER
HORIZONTAL
POSITION
0
X0
X1
12
3
X3
X2
45
6
7
X7
X6
X5
X4
REGION
CONTROL
REGISTER
HORIZONTAL
POSITION
CONSTRAINT: X4 < X5 < X6 < X7
CONSTRAINT: X0 < X1 < X2 < X3
Figure 8–3. Implicit Control of Region Flags (NR = 1)
REGION
CONTROL
REGISTER
012
3
4
5
6
7
X0
X1
X3
X2
X7
X6
X5
X4
CONSTRAINT: X0 < X1 < X2 < X3 < X4 < X5 < X6 < X7
HORIZONTAL
POSITION
REGION
FLAG
RF0/
RF1
RF0/
RF1
RF0/
RF1
RF0/
RF1
RF0/
RF1
RF0/
RF1
RF0/
RF1
RF0/
RF1
Figure 8–4. Explicit Control of Region Flags (NR = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com