Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCD212 Datasheet(PDF) 13 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 9Page - Motorola, Inc MCD212 Datasheet HTML 10Page - Motorola, Inc MCD212 Datasheet HTML 11Page - Motorola, Inc MCD212 Datasheet HTML 12Page - Motorola, Inc MCD212 Datasheet HTML 13Page - Motorola, Inc MCD212 Datasheet HTML 14Page - Motorola, Inc MCD212 Datasheet HTML 15Page - Motorola, Inc MCD212 Datasheet HTML 16Page - Motorola, Inc MCD212 Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
MCD212
1–1
MOTOROLA
1
GENERAL DESCRIPTION
1.1
INTRODUCTION
The Video Decoder and System Controller with JTAG (VDSC/JTAG) is a CMOS device integrating a
680X0 family system controller and video graphics decoder, see Figure 1–1 below.
The MCD212 is a programmable, multi–scan video device that can function as either a master or a
slave. It is functionally equivalent to the MCD211 with the addition of JTAG testing. The MCD212 is
a drop–in replacement for the MCD211 if the JTAG functionality is not required. It can directly drive up
to 5M bytes1 of memory and provides chip–select signals for system ROM and peripherals. The
on–chip DRAM controller can support up to 4M bytes DRAM and controls access to the unspecialized
System or Video DRAM. The CPU can access any memory location, even during active video display
lines, thereby boosting system performance.
The video image is made up of four separate video planes: the cursor, two graphics planes (A and B),
and one background plane. The video decoder receives two independent video channels from the
Video DRAM. Each channel has a real–time file decoder permitting the display of normal, run–length,
and mosaic compressed files. The resulting files can contain DYUV, CLUT, or direct RGB data. After
decoding the resulting planes, A and B can be combined with a cursor and background allowing for
visual effects like dissolves, mosaics, partial updates, etc., under software control. The resulting dis-
play is available in Red, Green, and Blue components, each being eight bits in length. The display
resolution is programmable up to 768 x 560.
68000 BUS
VDSC
DAC
RGB VIDEO
DRAM
Figure 1–1. System Block Diagram
1. In this document a word is defined as 16 bits and a long–word as 32 bits.
Hexadecimal figures are indicated by an h in front.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com