Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCD212 Datasheet(PDF) 63 Page - Motorola, Inc

Part # MCD212
Description  Video Decoder and System Controller(with JTAG)
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCD212 Datasheet(HTML) 63 Page - Motorola, Inc

Back Button MCD212 Datasheet HTML 59Page - Motorola, Inc MCD212 Datasheet HTML 60Page - Motorola, Inc MCD212 Datasheet HTML 61Page - Motorola, Inc MCD212 Datasheet HTML 62Page - Motorola, Inc MCD212 Datasheet HTML 63Page - Motorola, Inc MCD212 Datasheet HTML 64Page - Motorola, Inc MCD212 Datasheet HTML 65Page - Motorola, Inc MCD212 Datasheet HTML 66Page - Motorola, Inc MCD212 Datasheet HTML 67Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
MCD212
8–4
MOTOROLA
Mixing is applied to image planes A and B. They are weighted and added (see Figure 8–6). The
weighting and adding is done preserving the black level (level 16):
AB = lim[ (A ) 16) * WEIGHT_A/64 + (B) 16) * WEIGHT_B/64 + 16 ]
When the result exceeds level 255, the result is fixed at 255. When the result is less than level 0, the
result is fixed at 0. Planes A and B are made transparent for overlay by making them black.
+
PLANE A
BLACK (16)
MUX
A
X
BL_A
WEIGHT_A
(0
…63)
PLANE B
BLACK (16)
BL_B
MUX
X
B
MUX
MUX
DAC
CUR
CURSOR
BACKDROP
WEIGHT_B
(0
…63)
AB
(0
…255)
VDSC
VSD
VSA
BD
EXTERNAL
VIDEO
ANALOG
SWITCH
Figure 8–6. Overlay and Mixing — One Color Component
Weight factors are programmed via the weight registers. The weight factors can be dynamically
changed by the region control registers at the position they indicate.
Backdrop and cursor can be overlaid on the combined planes A and B.
During horizontal and vertical blanking of the video a constant level is set on each component.
For 50 Hz display this level is 16 and for 60 Hz display 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com