Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F30 Datasheet(PDF) 90 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 90 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 86Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 87Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 88Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 89Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 90Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 91Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 92Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 93Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 94Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 242 page
background image
Rev. 1.50
90
March 06 , 2012
Rev. 1.50
91
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Port A Wake-up
The HALT instruction forces the microcontroller into the SLEEP or IDLE Mode which preserves
power, a feature that is important for battery and other low-power applications. Various methods
exist to wake-up the microcontroller, one of which is to change the logic condition on one of the
Port A pins from high to low. This function is especially suitable for applications that can be woken
up via external switches. Each pin on Port A can be selected individually to have this wake-up
feature using the PAWU register.
●
PAWU Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
PAWU: Port A bit 7 ~ bit 0 Wake-up Control
0: Disable
1: Enable
I/O Port Control Registers
Each I/O port has its own control register known as PAC~PHC, to control the input/output
configuration. With this control register, each CMOS output or input can be reconfigured
dynamically under software control. Each pin of the I/O ports is directly mapped to a bit in its
associated port control register. For the I/O pin to function as an input, the corresponding bit of the
control register must be written as a “1”. This will then allow the logic state of the input pin to be
directly read by instructions. When the corresponding bit of the control register is written as a “0”,
the I/O pin will be setup as a CMOS output. If the pin is currently setup as an output, instructions
can still be used to read the output register. However, it should be noted that the program will in fact
only read the status of the output data latch and not the actual logic status of the output pin.
PAC Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
PBC Register
●
HT67F30/HT67F40
Bit
7
6
5
4
3
2
1
0
Name
—
—
D5
D4
D3
D2
D1
D0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
1
1
1
1
1
1
Bit 7~6
“—” Unimplemented, read as “0”
●
HT67F50/HT67F60
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com