| Electronic Components Datasheet Search |
|
HT67F30 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F30 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc |
|
4 / 242 page ![]() Rev. 1.50 4 March 06 , 2012 Rev. 1.50 5 March 06 , 2012 HT67F30/HT67F40/HT67F50/HT67F60 TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO Programming Considerations................................................................................................ 98 Timer Modules – TM ....................................................................................... 99 Introduction ........................................................................................................................... 99 TM Operation ...................................................................................................................... 100 TM Clock Source................................................................................................................. 100 TM Interrupts....................................................................................................................... 100 TM External Pins................................................................................................................. 100 TM Input/Output Pin Control Registers ............................................................................... 101 Programming Considerations.............................................................................................. 109 Compact Type TM................................................................................................................110 Compact TM Operation........................................................................................................110 Compact Type TM Register Description...............................................................................111 Compact Type TM Operating Modes ...................................................................................114 Compare Match Output Mode..............................................................................................114 Timer/Counter Mode ............................................................................................................115 PWM Output Mode...............................................................................................................116 Standard Type TM – STM ............................................................................. 118 Standard TM Operation........................................................................................................118 Standard Type TM Register Description ..............................................................................119 Standard Type TM Operating Modes .................................................................................. 124 Compare Output Mode........................................................................................................ 124 Timer/Counter Mode ........................................................................................................... 126 PWM Output Mode.............................................................................................................. 126 Single Pulse Mode .............................................................................................................. 128 Capture Input Mode ............................................................................................................ 129 Enhanced Type TM – ETM............................................................................ 131 Enhanced TM Operation ..................................................................................................... 131 Enhanced Type TM Register Description............................................................................ 132 Enhanced Type TM Operating Modes................................................................................. 137 Compare Output Mode........................................................................................................ 138 Timer/Counter Mode ........................................................................................................... 140 PWM Output Mode.............................................................................................................. 140 Single Pulse Mode .............................................................................................................. 144 Capture Input Mode ............................................................................................................ 146 Analog to Digital Converter ......................................................................... 148 A/D Overview ...................................................................................................................... 148 A/D Converter Register Description.................................................................................... 148 A/D Converter Data Registers – ADRL, ADRH ................................................................... 149 A/D Converter Control Registers – ADCR0, ADCR1, ACERL, ACERH .............................. 149 A/D Operation ..................................................................................................................... 154 A/D Input Pins ..................................................................................................................... 155 Summary of A/D Conversion Steps..................................................................................... 156 Programming Considerations.............................................................................................. 157 A/D Transfer Function ......................................................................................................... 157 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |