Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F30 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 39Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 40Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 41Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 42Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 43Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 44Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 45Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 46Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
42
March 06 , 2012
Rev. 1.50
43
March 06 , 2012
Special Function Register Description
Most of the Special Function Register details will be described in the relevant functional section;
however several registers require a separate description in this section.
Indirect Addressing Registers – IAR0, IAR1
The Indirect Addressing Registers, IAR0 and IAR1, although having their locations in normal RAM
register space, do not actually physically exist as normal registers. The method of indirect addressing
for RAM data manipulation uses these Indirect Addressing Registers and Memory Pointers, in
contrast to direct memory addressing, where the actual memory address is specified. Actions on the
IAR0 and IAR1 registers will result in no actual read or write operation to these registers but rather
to the memory location specified by their corresponding Memory Pointers, MP0 or MP1. Acting as a
pair, IAR0 and MP0 can together access data from Bank 0 while the IAR1 and MP1 register pair can
access data from any bank. As the Indirect Addressing Registers are not physically implemented,
reading the Indirect Addressing Registers indirectly will return a result of “00H” and writing to the
registers indirectly will result in no operation.
Memory Pointers – MP0, MP1
Two Memory Pointers, known as MP0 and MP1 are provided. These Memory Pointers are
physically implemented in the Data Memory and can be manipulated in the same way as normal
registers providing a convenient way with which to address and track data. When any operation to
the relevant Indirect Addressing Registers is carried out, the actual address that the microcontroller
is directed to, is the address specified by the related Memory Pointer. MP0, together with Indirect
Addressing Register, IAR0, are used to access data from Bank 0, while MP1 and IAR1 are used to
access data from all banks according to BP register. Direct Addressing can only be used with Bank 0,
all other Banks must be addressed indirectly using MP1 and IAR1. Note that for the HT67F30
device, bit 7 of the Memory Pointers is not required to address the full memory space. When bit 7 of
the Memory Pointers for HT67F30 device is read, a value of “1” will be returned.
The following example shows how to clear a section of four Data Memory locations already defined
as locations adres1 to adres4.
Indirect Addressing Program Example
data .section data
adres1
db ?
adres2
db ?
adres3
db ?
adres4
db ?
block
db ?
code .section at 0 code
org
00h
start:
mov a,04h
; setup size of block
mov block,a
mova,offsetadres1 ;AccumulatorloadedwithfirstRAMaddress
movmp0,a
;setupmemorypointerwithfirstRAMaddress
loop:
clrIAR0
;clearthedataataddressdefinedbyMP0
inc mp0
; increment memory pointer
sdz block
; check if last memory location has been cleared
jmp loop
continue:
The important point to note here is that in the example shown above, no reference is made to specific
RAM addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com