Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA5155 Datasheet(PDF) 9 Page - Protek Devices

Part # PA5155
Description  Low Power Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5155 Datasheet(HTML) 9 Page - Protek Devices

Back Button PA5155 Datasheet HTML 5Page - Protek Devices PA5155 Datasheet HTML 6Page - Protek Devices PA5155 Datasheet HTML 7Page - Protek Devices PA5155 Datasheet HTML 8Page - Protek Devices PA5155 Datasheet HTML 9Page - Protek Devices PA5155 Datasheet HTML 10Page - Protek Devices PA5155 Datasheet HTML 11Page - Protek Devices PA5155 Datasheet HTML 12Page - Protek Devices PA5155 Datasheet HTML 13Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 747-1715
www.protekanalog.com
PA5155
Low Power Stereo Audio CODEC
With Headphone Amplifier
95244 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Figure 2 Complete Data Transfer for 2-wire Interface
A master controller initiates the transmission by sending
a “start” signal, which is defined as a high-to-low transition at SDA while SCL
is high. The first byte transferred is the slave address. It is a seven-bit chip address followed by a RW bit. The chip address must be
001000x,where x equals AD0 (pin CE). The RW bit indicates the slave data transfer direction. Once an acknowledge bit is received,
the data transfer starts to proceed on a byte-by-byte basis in the direction specified by the RW bit. The master can terminate the
communication by generating a “stop” signal, which is defined as a low-to-high transition at SDA while SCL is high.
In 2-
wire interface mode, the registers can be written and read. The formats of “write” and “read” instructions are shown in Table 3
and Table 4. Please note that, to read data from a register, you must set R/W bit to 0 to access the register address and then set R/W
to 1 to read data from the register. There are no acknowledge bit after data to be written or read, this is the only difference from the
I
2C protocol.
Table 3 Write Data to Register in 2-wire Interface Mode
Chip Address
R/W
Register Address
Data to be written
001000
AD0
0
ACK
RAM
ACK
DATA
Table 4 Read Data from Register in 2-wire Interface Mode
Chip Address
R/W
Register Address
001000
AD0
0
ACK
RAM
Chip Address
R/W
Data to be read
001000
AD0
1
ACK
DATA
CONFIGURATION REGISTER DEFINITION
SPI and 2-wire configuration interface share the same registers because there is only one interface active at any time. There are total
of 53 user programmable 8-bit registers in this device. These registers control the operations of DAC. External master controller can
access these registers by using the slave address specified in RAM (Register Address Map) register as shown in the Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com