Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA5155 Datasheet(PDF) 4 Page - Protek Devices

Part # PA5155
Description  Low Power Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5155 Datasheet(HTML) 4 Page - Protek Devices

  PA5155 Datasheet HTML 1Page - Protek Devices PA5155 Datasheet HTML 2Page - Protek Devices PA5155 Datasheet HTML 3Page - Protek Devices PA5155 Datasheet HTML 4Page - Protek Devices PA5155 Datasheet HTML 5Page - Protek Devices PA5155 Datasheet HTML 6Page - Protek Devices PA5155 Datasheet HTML 7Page - Protek Devices PA5155 Datasheet HTML 8Page - Protek Devices PA5155 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 747-1715
www.protekanalog.com
PA5155
Low Power Stereo Audio CODEC
With Headphone Amplifier
95244 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
SERIAL AUDIO PORT SWITCHING SPECIFICATIONS
PARAMETER
Symbol
MIN
MAX
UNIT
MCLK frequency
51.2
MHz
MCLK duty cycle
40
60
%
LRCK frequency
200
KHz
LRCK duty cycle
40
60
%
SCLK frequency
26
MHz
SCLK pulse width low
TSCLKL
15
ns
SCLK Pulse width high
TSCLKH
15
ns
SCLK falling to LRCK edge
TSLR
–10
10
ns
SDIN valid to SCLK rising setup time
TSDIS
10
ns
SCLK rising to SDIN hold time
TSDIH
10
ns
Serial Audio Port Timing
SERIAL CONTROL PORT SWITCHING SPECIFICATIONS
PARAMETER
Symbol
MIN
MAX
UNIT
SPI Mode
SPI_CLK clock frequency
10
MHz
SPI_CLK edge to SPI_CSn falling
TSPICS
5
ns
SPI_CSn High Time Between transmissions
TSPISH
500
ns
SPI_CSn falling to SPI_CLK edge
TSPISC
10
ns
SPI_CLK low time
TSPICL
45
ns
SPI_CLK high time
TSPICH
45
ns
SPI_DIN to SPI_CLK rising setup time
TSPIDS
10
ns
SPI_CLK rising to DATA hold time
TSPIDH
15
ns
2-wire Mode
SCL Clock Frequency
FSCL
100
KHz
Bus Free Time Between Transmissions
TTWID
4.7
us
Start Condition Hold Time
TTWSTH
4.0
us
Clock Low time
TTWCL
4.0
us
LRCK
Input
SLCK
Input
SDOUT
SDIN
tslr
tsdo
tsclkh
tsclkw
tsdis
tsdih
tsclkl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com