Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA5155 Datasheet(PDF) 18 Page - Protek Devices

Part # PA5155
Description  Low Power Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5155 Datasheet(HTML) 18 Page - Protek Devices

Back Button PA5155 Datasheet HTML 14Page - Protek Devices PA5155 Datasheet HTML 15Page - Protek Devices PA5155 Datasheet HTML 16Page - Protek Devices PA5155 Datasheet HTML 17Page - Protek Devices PA5155 Datasheet HTML 18Page - Protek Devices PA5155 Datasheet HTML 19Page - Protek Devices PA5155 Datasheet HTML 20Page - Protek Devices PA5155 Datasheet HTML 21Page - Protek Devices PA5155 Datasheet HTML 22Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 747-1715
www.protekanalog.com
PA5155
Low Power Stereo Audio CODEC
With Headphone Amplifier
95244 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
DACLMU
2
1
– left DAC mute (default)
0
– left DAC not mute
DACRMU
0
1
– right DAC mute (default)
0
– right DAC not mute
Register 15
– DAC Control 2, Default 1100 0100
Bit Name
Bit
Description
AUTOMUTE
7
Auto mute function: long period of zero inputs (8k audio samples) will mute the analog output. Any
single non-zero input will un-mute. It is done per channel based.
0
– disable
1
– enable (default)
CLICKFREE
6
0
– disable digital click free power up and down
1
– enable digital click free power up and down (default)
VPPSCALE
5:4
Reserved
DACLRBOTH
3
1
– enable simultaneous load of DACLVOL and DACRVOL
0
– disable simultaneous load (default)
DACSOFTRAMP
2
1
– enable DAC soft ramp at mute and volume change (default)
0
– disable
DACRAMPRATE
1:0
These bits define DAC gain control ramp rate
00
– 0.5 dB per 4 LRCKs (default)
01
– 0.5 dB per 8 LRCKs
10
– 0.5 dB per 16 LRCKs
11
– 0.5 dB per 32 LRCKs
Register 16
– DAC Control 3, Default 0000 1000
Bit Name
Bit
Description
DACINVL
5
0
– DAC left channel output no phase inversion (default)
1
– DAC left channel output 180 degree phase inversion
DACINVR
4
0
– DAC right channel output no phase inversion (default)
1
– DAC right output 180 degree phase inversion
DACTOEN
3
Reserved
DACDAT
2
0
– disable DAC data 6 dB attenuate
1
– -6 dB enable
Register 17
– DAC Control 4, Default 0000 0000
Bit Name
Bit
Description
DACZEROL
5
0
– normal (default)
1
– set left channel DAC output all zero
DACZEROR
4
0
– normal (default)
1
– set right channel DAC output all zero
DACMONO
3
0
– stereo (default), and enable SE function
1
– mono ((L+R)/2) into DACL and DACR, and disable SE function
DACSE
2:0
Stereo enhancement gain
000
– 0 (default)
001
– 1/8
…
111
– 7/8
Register 18
– SHELVING1_A[29:24], Default 0001 1111
Bit Name
Bit
Description
SHEV1_A[29:24]
5:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}
Register 19
– SHELVING1_A[23:16], Default 1111 0111
Bit Name
Bit
Description
SHEV1_A[23:16]
7:0
30-bit a coefficient for shelving filter; Default value is {5'h0f, 5'h1f, 5'h0f, 5'h1f, 5'h0f, 5'h1f}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com