Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL78 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # RL78
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 85Page - Renesas Technology Corp RL78 Datasheet HTML 86Page - Renesas Technology Corp RL78 Datasheet HTML 87Page - Renesas Technology Corp RL78 Datasheet HTML 88Page - Renesas Technology Corp RL78 Datasheet HTML 89Page - Renesas Technology Corp RL78 Datasheet HTML 90Page - Renesas Technology Corp RL78 Datasheet HTML 91Page - Renesas Technology Corp RL78 Datasheet HTML 92Page - Renesas Technology Corp RL78 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS
R01DS0053EJ0100 Rev. 1.00
Page 89 of 97
Feb 21, 2012
Caution
The pins mounted depend on the product. Refer to 1.3.1 30-pin products to 1.3.10 100-pin products.
Note 1.
Excludes quantization error (±1/2 LSB).
Note 2.
This value is indicated as a ratio (% FSR) to the full-scale value.
(2)
When AVREF (+) = AVREFP/ANI0 (ADREFP1 = 0, ADREFP0 = 1), AVREF (-) = AVREFM/ANI1 (ADREFM = 1),
target ANI pin: ANI16 to ANI20 (supply ANI pin to EVDD0)
(TA = -40 to +85
C, 1.6 V EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V, Reference voltage (+) =
AVREFP, Reference voltage (-) = AVREFM = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
810
bit
Overall error Notes 1, 2
AINL
10-bit resolution
AVREFP = VDD
1.8 V
 VDD  5.5 V
1.2
5.0
LSB
1.6 V
 VDD  5.5 V
1.2
8.5
LSB
Conversion time
tCONV
10-bit resolution
AVREFP = VDD
3.6 V
 VDD  5.5 V
2.125
39
s
2.7 V
 VDD  5.5 V
3.1875
39
s
1.8 V
 VDD  5.5 V
17
39
s
1.6 V
 VDD  5.5 V
57
95
s
Zero-scale error Notes 1, 2
EZS
10-bit resolution
AVREFP = VDD
1.8 V
 VDD  5.5 V
0.35
% FSR
1.6 V
 VDD  5.5 V
0.60
% FSR
Full-scale error Notes 1, 2
EFS
10-bit resolution
AVREFP = VDD
1.8 V
 VDD  5.5 V
0.35
% FSR
1.6 V
 VDD  5.5 V
0.60
% FSR
Integral linearity error Note 1
ILE
10-bit resolution
AVREFP = VDD
1.8 V
 VDD  5.5 V
3.5
LSB
1.6 V
 VDD  5.5 V
6.0
LSB
Differential linearity error
Note 1
DLE
10-bit resolution
AVREFP = VDD
1.8 V
 VDD  5.5 V
2.0
LSB
1.6 V
 VDD  5.5 V
2.5
LSB
Reference voltage (+)
AVREFP
1.6
VDD
V
Analog input voltage
VAIN
0
AVREFP
and
EVDD0
V
VBGR
2.4 V
 VDD  5.5 V,
HS (high-speed main) mode
1.38
1.45
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com