Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL78 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RL78
Description  True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RL78 Datasheet HTML 16Page - Renesas Technology Corp RL78 Datasheet HTML 17Page - Renesas Technology Corp RL78 Datasheet HTML 18Page - Renesas Technology Corp RL78 Datasheet HTML 19Page - Renesas Technology Corp RL78 Datasheet HTML 20Page - Renesas Technology Corp RL78 Datasheet HTML 21Page - Renesas Technology Corp RL78 Datasheet HTML 22Page - Renesas Technology Corp RL78 Datasheet HTML 23Page - Renesas Technology Corp RL78 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0100 Rev. 1.00
Page 20 of 97
Feb 21, 2012
1.4
Pin Identification
ANI0 to ANI14,:
Analog input
ANI16 to ANI20
ANO0, ANO1:
Analog output
AVREFM:
A/D converter reference
potential (
 side) input
AVREFP:
A/D converter reference
potential (+ side) input
EVDD0, EVDD1:
Power supply for port
EVSS0, EVSS1:
Ground for port
EXCLK:
External clock input
(main system clock)
EXCLKS:
External clock input
(sub system clock)
INTP0 to INTP11:
External interrupt input
IVCMP0, IVCMP1:
Comparator input
IVREF0, IVREF1:
Comparator reference input
KR0 to KR7:
Key return
P00 to P06:
Port 0
P10 to P17:
Port 1
P20 to P27:
Port 2
P30, P31:
Port 3
P40 to P47:
Port 4
P50 to P57:
Port 5
P60 to P67:
Port 6
P70 to P77:
Port 7
P80 to P87:
Port 8
P100 to P102:
Port 10
P110, P111:
Port 11
P120 to P124:
Port 12
P130, P137:
Port 13
P140 to P147:
Port 14
P150 to P156:
Port 15
PCLBUZ0, PCLBUZ1:
Programmable clock
output/buzzer output
REGC:
Regulator capacitance
RESET:
Reset
RTC1HZ:
Real-time clock correction clock
(1 Hz) output
RxD0 to RxD3:
Receive data
SCK00, SCK01, SCK10,: Serial clock input/output
SCK11, SCK20, SCK21,
SCK30, SCK31
SCLA0, SCLA1, SCL00,: Serial clock input/output
SCL01, SCL10, SCL11,
SCL20, SCL21, SCL30,
SCL31
SDAA0, SDAA1, SDA00,: Serial data input/output
SDA01, SDA10, SDA11,
SDA20, SDA21, SDA30,
SDA31
SI00, SI01, SI10, SI11,:
Serial data input
SI20, SI21, SI30, SI31
SO00, SO01, SO10,:
Serial data output
SO11, SO20, SO21,
SO30, SO31
SSI00:
Serial interface chip select input
TI00 to TI03,:
Timer input
TI10 to TI13
TO00 to TO03,:
Timer output
TO10 to TO13, TRJO0
TOOL0:
Data input/output for tool
TOOLRxD, TOOLTxD:
Data input/output for external device
TRDCLK0, TRGCLKA,:
Timer external input clock
TRGCLKB
TRDIOA0, TRDIOB0,:
Timer input/output
TRDIOC0, TRDIOD0,
TRDIOA1, TRDIOB1,
TRDIOC1, TRDIOD1,
TRGIOA, TRGIOB, TRJIO0
TxD0 to TxD3:
Transmit data
VCOUT0, VCOUT1:
Comparator output
VDD:
Power supply
VSS:
Ground
X1, X2:
Crystal oscillator (main system clock)
XT1, XT2:
Crystal oscillator (subsystem clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com