Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10RBCAFP Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F10RBCAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RBCAFP Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F10RBCAFP Datasheet HTML 37Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 38Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 39Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 40Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 41Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 42Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 43Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 44Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 41 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
(4) Communication at different potential (2.5 V, 3 V) (UART mode) (dedicated baud rate generator output) (2/2)
(TA =
−40 to +85°C, 1.8 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Notes
1, 2
bps
4.0 V
≤ EVDD ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V
Theoretical
value
of
the
maximum transfer rate
Cb = 50 pF, Rb = 1.4 k
Ω, Vb = 2.7 V
2.8
Note 3
Mbps
Notes
2, 4
bps
2.7 V
≤ EVDD < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V
Theoretical
value
of
the
maximum transfer rate
Cb = 50 pF, Rb = 2.7 k
Ω, Vb = 2.3 V
1.2
Note 5
Mbps
Notes
2, 6, 7
bps
Transfer rate
transmission
1.8 V
≤ EVDD < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V
Theoretical
value
of
the
maximum transfer rate
Cb = 50 pF, Rb = 5.5 k
Ω, Vb = 1.6 V
0.43
Notes 8
Mbps
Notes 1.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid
maximum transfer rate.
Expression for calculating the transfer rate when 4.0 V
≤ EVDD ≤ 5.5 V and 2.7 V ≤ Vb ≤ 4.0 V
1
Maximum transfer rate =
[bps]
{
−Cb × Rb × ln (1 −
2.2
Vb )} × 3
1
Transfer rate
× 2 − {−C
b
× Rb × ln (1
−
2.2
Vb )}
Baud rate error (theoretical value) =
× 100 [%]
(
1
Transfer rate ) × Number of transferred bits
* This value is the theoretical value of the relative difference between the transmission and reception sides.
2.
Transfer rate in the SNOOZE mode : MAX. 9600 bps, MIN. 4800 bps
3.
This value as an example is calculated when the conditions described in the “Conditions” column are
met.
Refer to Note 1 above to calculate the maximum transfer rate under conditions of the customer.
4.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid
maximum transfer rate.
Expression for calculating the transfer rate when 2.7 V
≤ EVDD < 4.0 V and 2.3 V ≤ Vb ≤ 2.7 V
1
Maximum transfer rate =
{
−Cb × Rb × ln (1 −
2.0
Vb )} × 3
[bps]
1
Transfer rate
× 2 − {−C
b
× Rb × ln (1
−
2.0
Vb )}
Baud rate error (theoretical value) =
× 100 [%]
(
1
Transfer rate ) × Number of transferred bits
* This value is the theoretical value of the relative difference between the transmission and reception sides.
5.
This value as an example is calculated when the conditions described in the “Conditions” column are
met.
Refer to Note 4 above to calculate the maximum transfer rate under conditions of the customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com