Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10RBCAFP Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R5F10RBCAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RBCAFP Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R5F10RBCAFP Datasheet HTML 25Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 26Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 27Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 28Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 29Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 30Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 31Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 32Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 29 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
2.3.2 Supply current characteristics
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VDD = 5.0 V
1.8
T.B.D.
mA
Basic
operation V
DD
= 3.0 V
1.8
T.B.D.
mA
VDD = 5.0 V
3.7
T.B.D.
mA
fIH = 24 MHz
Note 3
Normal
operation V
DD
= 3.0 V
3.7
T.B.D.
mA
VDD = 5.0 V
2.7
T.B.D.
mA
High-speed
operation
Note5
fIH = 16 MHz
Note 3
Normal
operation V
DD
= 3.0 V
2.7
T.B.D.
mA
VDD = 3.0 V
1.2
T.B.D.
mA
Low-speed
operation
Note5
fIH = 8 MHz
Note 3
Normal
operation V
DD
= 2.0 V
1.2
T.B.D.
mA
VDD = 3.0 V
1.2
T.B.D.
mA
Low-voltage
operation
Note5
fIH = 4 MHz
Note 3
Normal
operation V
DD
= 2.0 V
1.2
T.B.D.
mA
Square wave input
3.0
T.B.D.
mA
fMX = 20 MHz
Note 2,
VDD = 5.0 V
Normal
operation Resonator connection
3.2
T.B.D.
mA
Square wave input
3.0
T.B.D.
mA
fMX = 20 MHz
Note 2,
VDD = 3.0 V
Normal
operation Resonator connection
3.2
T.B.D.
mA
Square wave input
1.9
T.B.D.
mA
fMX = 10 MHz
Note 2,
VDD = 5.0 V
Normal
operation Resonator connection
1.9
T.B.D.
mA
Square wave input
1.9
T.B.D.
mA
High-speed
operation
Note5
fMX = 10 MHz
Note 2,
VDD = 3.0 V
Normal
operation Resonator connection
1.9
T.B.D.
mA
Square wave input
1.1
T.B.D.
mA
fMX = 8 MHz
Note 2,
VDD = 3.0 V
Normal
operation Resonator connection
1.1
T.B.D.
mA
Square wave input
1.1
T.B.D.
mA
Low-speed
operation
Note5
fMX = 8 MHz
Note 2,
VDD = 2.0 V
Normal
operation Resonator connection
1.1
T.B.D.
mA
Square wave input
4.1
T.B.D.
μA
fSUB = 32.768 kHz
Note4
TA =
−40°C
Normal
operation Resonator connection
4.2
T.B.D.
μA
Square wave input
4.1
T.B.D.
μA
fSUB = 32.768 kHz
Note4
TA = +25
°C
Normal
operation Resonator connection
4.2
T.B.D.
μA
Square wave input
4.2
T.B.D.
μA
fSUB = 32.768 kHz
Note4
TA = +50
°C
Normal
operation Resonator connection
4.3
T.B.D.
μA
Square wave input
4.2
T.B.D.
μA
fSUB = 32.768 kHz
Note4
TA = +70
°C
Normal
operation Resonator connection
4.3
T.B.D.
μA
Square wave input
4.8
T.B.D.
μA
Supply
current
IDD1
Note 1
Operating
mode
Subsystem
clock
operation
fSUB = 32.768 kHz
Note4
TA = +85
°C
Normal
operation Resonator connection
4.9
T.B.D.
μA
(Notes and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com